Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BAS28
Description  DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BAS28 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BAS28 Datasheet HTML 1Page - Central Semiconductor Corp BAS28 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
BAS28
DUAL, ISOLATED HIGH SPEED
SWITCHING DIODE
SOT-143 CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BAS28
type is a ultra-high speed silicon switching
diode manufactured by the epitaxial planar
process, in an epoxy molded surface mount
package with isolated dual diodes, designed
for high speed switching applications.
Marking code is A61.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
85
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
250
mA
Forward Surge Current, tp=1
µsec.
IFSM
4000
mA
Forward Surge Current, tp=1 msec.
IFSM
2000
mA
Forward Surge Current, tp=1 sec.
IFSM
1000
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=25V, TA=150
oC
30
µA
IR
VR=75V
1.0
µA
IR
VR=75V, TA=150
oC
50
µA
VF
IF=1.0mA
0.715
V
VF
IF=10mA
0.855
V
VF
IF=50mA
1.000
V
VF
IF=150mA
1.250
V
CT
VR=0, f=1 MHz
2.0
pF
trr
IF=IR=10mA, RL=100Ω, Rec. to 1.0mA
6.0
ns
Qs
IF=10mA, VR=5.0V, RL=500Ω
45
pC
VFR
IF=10mA, tr=20ns
1.75
V


Similar Part No. - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS28 PHILIPS-BAS28 Datasheet
35Kb / 7P
High-speed double diode
1996 Sep 10
logo
Siemens Semiconductor G...
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
logo
Infineon Technologies A...
BAS28 INFINEON-BAS28 Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
logo
NXP Semiconductors
BAS28 NXP-BAS28 Datasheet
279Kb / 12P
High-speed double diode
Rev. 3-22 July 2010
More results

Similar Description - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
Dual isolated high-voltage switching diode
9 June 2015
logo
Nexperia B.V. All right...
BAS21PG NEXPERIA-BAS21PG Datasheet
686Kb / 13P
Dual isolated high-voltage switching diode
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
High-speed dual switching diode
20 April 2023
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
High-speed dual switching diode
20 April 2023
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
Dual high-speed switching diode
Rev. 5 - 6 March 2012
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
Dual high-speed switching diode
Rev. 6 - 23 July 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com