Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581JH Datasheet(PDF) 6 Page - Analog Devices

Part # AD581JH
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581JH Datasheet(HTML) 6 Page - Analog Devices

Back Button AD581JH Datasheet HTML 2Page - Analog Devices AD581JH Datasheet HTML 3Page - Analog Devices AD581JH Datasheet HTML 4Page - Analog Devices AD581JH Datasheet HTML 5Page - Analog Devices AD581JH Datasheet HTML 6Page - Analog Devices AD581JH Datasheet HTML 7Page - Analog Devices AD581JH Datasheet HTML 8Page - Analog Devices AD581JH Datasheet HTML 9Page - Analog Devices AD581JH Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD581
Rev. C | Page 6 of 12
APPLYING THE AD581
The AD581 is easy to use in virtually all precision reference
applications. The three pins are simply: primary supply, ground,
and output, with the case grounded. No external components
are required even for high precision applications; the degree of
desired absolute accuracy is achieved simply by selecting the
required device grade. The AD581 requires less than 1 mA quies-
cent current from an operating supply range of 13 V to 30 V.
+VS
VOUT
GND
AD581
10V
13V TO 30V
Figure 2. Pin Configuration (Bottom View)
An external fine trim may be desired to set the output level to
exactly 10.000 V within less than a millivolt (calibrated to a
main system reference). System calibration may also require a
reference slightly different from 10.00 V. In either case, the
optional trim circuit shown in Figure 3 can offset the output by
up to ±30 mV (with the 22 Ω resistor), if needed, with minimal
effect on other device characteristics.
+VS
VOUT
6.8k
Ω
10k
Ω
4.3k
Ω
GND
AD581
+10V
R
+15V
–15V
R
TRIM
RANGE
MAX
Δ TCR
22
Ω
±30mV
3.5ppm/°C
12
Ω
±10mV
2.0ppm/°C
3.9
Ω
±5mV
0.6ppm/°C
Figure 3. Optional Fine Trim Configuration
V+
10V
V–
Q12
Q14
Q11
Q20
C52
Q6
Q16
Q13
C50
C51
Q10
R40
R41
Q7
Q8
Q15
R42
R34
R37
R35
R36
R30
R31
R39
Q4
Q3
Q5
Q1
Q2
R32
R33
Figure 4. Simplified Schematic
VOLTAGE VARIATION vs. TEMPERATURE
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree
Celsius; that is, 10 ppm/°C. However, because of nonlinearities
in temperature characteristics, which originated in standard
Zener references (such as S-type characteristics) manufacturers
opt for the maximum limit error band approach to specify devices.
This technique involves measurement of the output at three,
five, or more different temperatures to guarantee that the output
voltage falls within the given error band. The temperature charac-
teristic of the AD581 consistently follows the S-curve shown in
Figure 5. Three-point measurement of each device guarantees
the error band over the specified temperature range.
10.005
9.995
TEMPERATURE (°C)
10.000
–50
–55
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100 110 120 125
Figure 5. Typical Temperature Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com