Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581JH Datasheet(PDF) 10 Page - Analog Devices

Part # AD581JH
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581JH Datasheet(HTML) 10 Page - Analog Devices

Back Button AD581JH Datasheet HTML 4Page - Analog Devices AD581JH Datasheet HTML 5Page - Analog Devices AD581JH Datasheet HTML 6Page - Analog Devices AD581JH Datasheet HTML 7Page - Analog Devices AD581JH Datasheet HTML 8Page - Analog Devices AD581JH Datasheet HTML 9Page - Analog Devices AD581JH Datasheet HTML 10Page - Analog Devices AD581JH Datasheet HTML 11Page - Analog Devices AD581JH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD581
Rev. C | Page 10 of 12
10 V reference guarantees a maximum full-scale temperature
coefficient of 8 ppm/°C over the commercial range. The 10 V
reference also supplies the normal 1 mA bipolar offset current
through the 9.95 kΩ bipolar offset resistor. Consequently, the
bipolar offset TC depends only on TC matching of the bipolar
offset resistor to the input reference resistor and is guaranteed
to 3 ppm/°C.
1
18
2
3
4
5
AD7574
(TOP VIEW)
AD581
DIGITAL
SUPPLY
RETURN
GROUND
INTERTIE
ANALOG
GROUND
ANALOG
SUPPLY
RETURN
R3
1.2k
Ω
5%
GND
+VS
VOUT
0.1µF
+5V
–15V
–10V REF
R1 1k
Ω 10%1
GAIN TRIM1
R2 2k
Ω
SIGNAL
INPUT
0V TO +10V
1R1 AND R2 CAN BE OMITTED IF GAIN TRIM
IS NOT REQUIRED.
Figure 15. AD581 as −10 V Reference for CMOS ADC
PNP LOGIC SWITCHES AND LEVEL SHIFTERS
0.1µF
0.1µF
OP1177
OP AMP
OUTPUT
5k
Ω
(8k
Ω)
A
5k
Ω
(8k
Ω)
R4
20k
Ω, 15T
R3
3.0M
Ω
9.950k
Ω
(15.95k)
CONTROL
AMP
CONTROL AMP
SUMMING
JUNCTION
100
Ω, 15T
R2
GAIN ADJ.
10V
VOUT
R1
100
Ω, 15T
BIPOLAR OFFSET ADJ.
GND
19.95k
Ω
0.5mA
–15V
AD565A
+15V
–15V
UNIPOLAR
OFFSET ADJ.
A = ANALOG GROUND
24
23
22
21
20
19
18
17
16
15
14
13
2
3
11
10
9
12
8
7
2
1
6
4
5
3
A
–15V +5V/+15V
+15V
+VS
AD581
Figure 16. Precision 12-Bit DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com