Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD581JH Datasheet(PDF) 9 Page - Analog Devices

Part # AD581JH
Description  High Precision 10 V IC Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD581JH Datasheet(HTML) 9 Page - Analog Devices

Back Button AD581JH Datasheet HTML 4Page - Analog Devices AD581JH Datasheet HTML 5Page - Analog Devices AD581JH Datasheet HTML 6Page - Analog Devices AD581JH Datasheet HTML 7Page - Analog Devices AD581JH Datasheet HTML 8Page - Analog Devices AD581JH Datasheet HTML 9Page - Analog Devices AD581JH Datasheet HTML 10Page - Analog Devices AD581JH Datasheet HTML 11Page - Analog Devices AD581JH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD581
Rev. C | Page 9 of 12
THE AD581 AS A CURRENT LIMITER
The AD581 represents an alternative to current limiter diodes
that require factory selection to achieve a desired current. This
approach often results in temperature coefficients of 1%/°C.
The AD581 approach is not limited to a defined set current
limit; it can be programmed from 0.75 mA to 5 mA with the
insertion of a single external resistor. Of course, the minimum
voltage required to drive the connection is 13 V. The AD580,
which is a 2.5 V reference, can be used in this type of circuit
with compliance voltage down to 4.5 V.
+VS
VOUT
GND
AD581
R
LOAD
i =
R
10V
~ ___ + 0.75mA
10V =
BOTTOM VIEW OF
10V PRECISION
REFERENCE CIRCUIT
IN TO-5 CASE
Figure 12. A Two-Component Precision Current Limiter
NEGATIVE 10 V REFERENCE
The AD581 can also be used in a 2-pin Zener mode to provide a
precision −10.00 V reference. As shown in Figure 13, the +VS and
VOUT pins are connected together to the high supply (in this
case, ground). The ground pin is connected through a resistor
to the negative supply. Thus, the output is taken from the
ground pin instead of VOUT. With 1 mA flowing through the
AD581 in this mode, a typical unit shows a 2 mV increase in
output level over that produced in the 3-pin mode. Note also
that the effective output impedance in this connection increases
from 0.2 Ω typical to 2 Ω. It is essential to arrange the output
load and the supply resistor, RS, so that the net current through
the AD581 is always between 1 mA and 5 mA. For operation to
+125°C, the net current should be between 2 mA and 5 mA. The
temperature characteristics and long-term stability of the device
are essentially the same as that of a unit used in the standard
3-pin mode.
The AD581 can also be used in a 2-pin mode to develop a
positive reference. +VS and VOUT are tied together and to the
positive supply through an appropriate supply resistor. The
performance characteristics are similar to those of the negative
2-pin connection. The only advantage of this connection over
the standard 3-pin connection is that a lower primary supply
can be used, as low as 10.5 V. This type of operation requires con-
siderable attention to load and primary supply regulation to
maintain the AD581 within its regulating range of 1 mA to 5 mA
(2 mA to 5 mA for operation beyond +85°C).
AD581
GND
+VS
VOUT
0.1µF
–15V
1.2k
Ω 5%
VREF
–10V
ANALOG
GND
Figure 13. 2-Pin −10 V Reference
10 V REFERENCE WITH MULTIPLYING CMOS DACs
OR ADCs
The AD581 is ideal for application with the entire AD7533
series of 10- and 12-bit multiplying CMOS DACs, especially for
low power applications. It is equally suitable for the AD7574
8-bit ADC. In the standard hook-up, as shown in Figure 15, the
+10 V reference is inverted by the amplifier/DAC configuration
to produce a 0 V to −10 V range. If an OP1177 amplifier is used,
total quiescent supply current is typically 2 mA. If a 0 V to +10 V
full-scale range is desired, the AD581 can be connected to the
CMOS DAC in its −10 V Zener mode, as shown in Figure 13
(the −10 VREF output is connected directly to the VREF IN of the
CMOS DAC). The AD581 is normally used in the −10 V mode
with the AD7574 to give a 0 V to +10 V ADC range. This is
shown in Figure 15. Bipolar output applications and other
operating details can be found in the data sheets for the CMOS
products.
AD581
+15V
+10V
VREF IN
BIT 1 (MSB)
BIT 10 (LSB)
GND
DIGITAL
INPUT
+15V
–15V
VOUT
0V TO –10V
RFEEDBACK
IOUT1
IOUT2
15
14
3
4
5
13
16
1
2
Figure 14. Low Power 10-Bit CMOS DAC Application
PRECISION 12-BIT DAC REFERENCE
AD565A, like most DACs, is designed to operate with a +10 V
reference element. In the AD565A, this 10 V reference voltage is
converted into a reference current of approximately 0.5 mA via
the internal 19.95 kΩ resistor (in series with the external 100 Ω
trimmer). The gain temperature coefficient of the AD565A is
primarily governed by the temperature tracking of the 19.95 kΩ
resistor and the 5 kΩ to10 kΩ span resistors; gain TC is guaran-
teed to 3 ppm/°C. Thus, using the AD581L (at 5 ppm/°C) as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com