Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA29 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA29
Description  HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA29 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA29 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA29 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA29
SURFACE MOUNT
HIGH VOLTAGE
NPN SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA29 is an
NPN silicon darlington transistor manufactured by the
epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high voltage and high gain.
MARKING CODE: C29
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCES
100
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C) unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=80V
500
nA
ICBO
VCB=80V
100
nA
IEBO
VBE=10V
100
nA
BVCES
IC=100µA
100
V
BVCBO
IC=100µA
100
V
BVEBO
IE=10µA
12
V
VCE(SAT)
IC=10mA, IB=10µA
1.2
V
VCE(SAT)
IC=100mA, IB=100µA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
SOT-23 CASE
R4 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA29

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
322Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CMPTA29

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch
logo
Zetex Semiconductors
FCX605 ZETEX-FCX605 Datasheet
107Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
CZTA27 CENTRAL-CZTA27 Datasheet
65Kb / 2P
NPN HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX605 DIODES-FCX605 Datasheet
168Kb / 5P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
SEPTEMBER 2005
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605 Datasheet
111Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com