Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTH10
Description  NPN SILICON RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTH10 Datasheet HTML 1Page - Central Semiconductor Corp CMPTH10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
208
MAXIMUM RATINGS (TA=25oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3.0
V
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=25V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=100µA
30
V
BVCEO
IC=1.0mA
25
V
BVEBO
IE=10µA
3.0
V
VCE(SAT)
IC=4.0mA, IB=0.4mA
0.50
V
VBE(ON)
VCE=10V, IB=4.0mA
0.95
V
hFE
VCE=10V, IC=4.0mA
60
fT
VCE=10V, IC=4.0mA, f=100MHz
650
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.70
pF
Crb
VCB=10V, IE=0, f=1.0MHz
0.65
pF
rb’Cc
VCB=10V, IC=4.0mA, f=31.8MHz
9.0
ps
CMPTH10
NPN SILICON RF TRANSISTOR
SOT-23 CASE
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPTH10 type is an NPN silicon RF transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for low noise UHF/VHF amplifier and
high output oscillator applications.
Marking code is C3E.


Similar Part No. - CMPTH10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTH10-BK CENTRAL-CMPTH10-BK Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
CMPTH10-TR CENTRAL-CMPTH10-TR Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
CMPTH10 CENTRAL-CMPTH10_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
More results

Similar Description - CMPTH10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com