Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCPWR12
Description  Pulse Withstanding Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCPWR12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCPWR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pulse Withstanding
Chip Resistors
Page <3>
28/04/11 V1.1
High Power Rating Electrical Specifications
Power Rating
at 70°C
Operating
Temperature
Range
Maximum
Operating
Voltage
Resistance Range
TCR
(PPM / °C)
±1%
±5%
MCPWR05 (0805)
1/4W
-55 to +155°C
150V
1
Ω - 299Ω
±200
300
Ω - 20MΩ
±100
MCPWR06 (1206)
1/2W
200V
1
Ω - 20Ω
±200
20.1
Ω - 20MΩ
±100
MCPWR10 (2010)
1W
400V
1
Ω - 20Ω
±200
20.1
Ω - 20MΩ
±100
Item
Type
Environmental Characteristics
Item
Requirement
Test Method
Temperature Coefficient of
Resistance (TCR)
As Specification
+25 / -55 / +25 / +125 / +25°C
Short Time Overload
±1%
RCWV*2.5 or Max. overload voltage for 5 seconds
Insulation Resistance
>1000M
Ω
Apply 100VDC for 1 minute
Endurance
±1%
70 ±2°C, Max. working voltage for 1,000 hrs with 1.5 hrs “ON” and
0.5 hrs “OFF”
Damp Heat with Load
±0.5%
40 ±2°C, 90 to 95% R.H. Max. working voltage for 1,000 hrs with 1.5
hrs “ON” and 0.5 hrs “OFF”
Dry Heat
±0.5%
at +155°C for 1,000 hrs
Bending Strength
±1%
Bending amplitude 3mm for 10 seconds
Solderability
95% min. coverage
245 ±5°C for 3 seconds
Resistance to Soldering Heat
±0.5%
260 ±5°C for 10 seconds
Thermal Shock
±0.5%
-55°C to 150°C, 100 cycles
Low Temperature Operation
±0.5%
1 hrs, -65°C followed by 45 minutes of RCWV
Operating voltage =
√ (P*R) or maximum operating voltage listed above, whichever is lower.
Overload voltage = 2.5*
√ (P*R) or maximum operating voltage listed above, whichever is lower.
Reference standards: MIL-STD-202, JIS-C 5201-1
Storage Temperature: 25 ±3°C; Humidity < 80%RH.
www.element14.com
www.farnell.com
www.newark.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com