Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MCPWR12
Description  Pulse Withstanding Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCPWR12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCPWR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pulse Withstanding
Chip Resistors
Page <5>
28/04/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Embossed Plastic Tape Specifications
Type
A
B
W
E
F
P0
P1
P2
ØD0
T
MCPWR10
2.8 ±0.1
5.5 ±0.1
12 ±0.3
1.75 ±0.1
5.5 ±0.05
4 ±0.1
4 ±0.1
2 ±0.05
1.5
1.2+0
MCPWR12
3.5 ±0.1
6.7 ±0.1
+0.1
-0
Marking
0805 to 2512 4 Digits Marking for Example
Resistance
100
Ω
Ω
2.2K
Ω
Ω
10K
Ω
Ω
49.9K
Ω
Ω
100K
Ω
Ω
marking
1000
2201
1002
4992
1003
3 Digits Marking in E24
Example: 101 = 100
Ω
102 = 1K
Ω (1st and 2nd are E24 code and 3rd code is multiplier)
E24
code
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
1% for 0603: 3 Digits Marking in E96 (E96 Series Except E24 Series)
3 Digits Marking for Example: 13C = 13K3
Ω 68B = 4K99Ω
68X = 49.9
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com