Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCPWR12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCPWR12
Description  Pulse Withstanding Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCPWR12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCPWR12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCPWR12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pulse Withstanding
Chip Resistors
Page <1>
28/04/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Construction
Features:
•• Tolerance from ±0.5% to 5%.
•• High power rating.
•• Excellent pulse withstanding performance.
•• Improved working voltage ratings.
•• Standard package sizes of 0805 to 2512.
Applications:
•• Metering (testing / measurement).
•• Diagnostic equipment.
•• Medical devices.
•• Industrial controls.
•• Plasma.
•• LCD video monitors.
Type
Size
(Inch)
L
W
T
D1
D2
MCPWR05
0805
2 ±0.1
1.25 ±0.1
0.5 ±0.1
0.35 ±0.2
0.4 ±0.2
MCPWR06
1206
3.1 ±0.1
1.55 ±0.1
0.55 ±0.1
0.5 ±0.25
0.5 ±0.2
MCPWR10
2010
5 ±0.1
2.5 ±0.1
0.6 ±0.25
MCPWR12
2512
6.35 ±0.1
3.1 ±0.1
Dimensions
Unit: mm
1
Alumina Substrate
2
Bottom Electrode (Ag)
3
Top Electrode (Ag-Pd)
4
Edge Electrode (NiCr)
5
Barrier Layer (Ni)
6
External Electrode (Sn)
7
Resistor Layer (RuO2/Ag)
8
Primary Overcoat (Glass)
9
Secondary Overcoat (Epoxy)


Similar Part No. - MCPWR12

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MCPWR12 MULTICOMP-MCPWR12 Datasheet
1Mb / 8P
Chip Resistors Pulse Withstanding
19/11/19 V1.0
MCPWR12DTEA1001 MULTICOMP-MCPWR12DTEA1001 Datasheet
1Mb / 8P
Chip Resistors Pulse Withstanding
19/11/19 V1.0
MCPWR12DTEA1001N MULTICOMP-MCPWR12DTEA1001N Datasheet
1Mb / 8P
Chip Resistors Pulse Withstanding
19/11/19 V1.0
MCPWR12DTEA1004 MULTICOMP-MCPWR12DTEA1004 Datasheet
1Mb / 8P
Chip Resistors Pulse Withstanding
19/11/19 V1.0
MCPWR12DTEA1004N MULTICOMP-MCPWR12DTEA1004N Datasheet
1Mb / 8P
Chip Resistors Pulse Withstanding
19/11/19 V1.0
More results

Similar Description - MCPWR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR05 TOKEN-PWR05 Datasheet
434Kb / 7P
PWR Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
Pulse Withstanding Chip Resistors
logo
Riedon Powertron
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com