Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES1102 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UES1102
Description  2.5A HIGH-EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UES1102 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UES1102 Datasheet HTML 1Page - Digitron Semiconductors UES1102 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UES1101 – UES1103
2.5A HIGH-EFFICIENCY RECTIFIERS
MAXIMUM RATINGS
Rating
Symbol
UES1101
UES1102
UES1103
Unit
Peak inverse voltage
VR
50
100
150
V
Maximum average DC output at TL = 75°C, L = 3/8”
IO
2.5
A
Non-repetitive surge current at 8.3ms
IFSM
35
A
Thermal resistance at L = 3/8:”
R
ӨJC
38
°C/W
Junction operating temperature
TJ
175
°C
Operating and storage temperature range
Top, Tstg
-55 to 175
°C
ELECTRICAL CHARACTERISTICS
Maximum
reverse voltage
Maximum forward voltage @
Maximum reverse
current @ rated VR
VR
TJ = 25°C
TJ = 100°C
Maximum reverse
recovery time*
Part number
Volts
TJ = 25°C
TJ = 100°C
µA
µA
nS
UES1101
50
UES1102
100
UES1103
150
0.975V @ 2A
0.895V @ 2A
2
50
25
*Measured in circuit IF = 0.5A, IR = 1A, IREC = 0.25A
MECHANICAL CHARACTERISTICS
Case:
Digi A, Glass Package
Marking:
Body Painted, Alpha-Numeric
Polarity:
Cathode Band
Inches
Millimeters
Dim
Min
Max
Min
Max
BD
-
0.095
-
2.413
BL
-
0.250
-
6.350
LD
0.028
0.032
0.711
0.813
LL
0.700
-
17.800
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20120706


Similar Part No. - UES1102

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES1102 MICROSEMI-UES1102 Datasheet
80Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES1102 NJSEMI-UES1102 Datasheet
82Kb / 1P
High Efficiency, 2.5A
More results

Similar Description - UES1102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Rugao Dachang Electroni...
HER251 DACHANG-HER251 Datasheet
119Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER251G DACHANG-HER251G Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Zibo Seno Electronic En...
HER251 ZSELEC-HER251 Datasheet
109Kb / 2P
2.5A HIGH EFFICIENCY RECTIFIER
logo
New Jersey Semi-Conduct...
UESI1101 NJSEMI-UESI1101 Datasheet
82Kb / 1P
High Efficiency, 2.5A
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
logo
Analog Technologies, In...
TECA1-XV-XV-D ANALOGTECHNOLOGIES-TECA1-XV-XV-D Datasheet
525Kb / 16P
High Efficiency 2.5A TEC Controller
6/20/2022
TECA1-XV-XV-DAH ANALOGTECHNOLOGIES-TECA1-XV-XV-DAH Datasheet
511Kb / 16P
High Efficiency 2.5A TEC Controller
6/20/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com