Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F110ME Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 53Page - Renesas Technology Corp R5F110ME Datasheet HTML 54Page - Renesas Technology Corp R5F110ME Datasheet HTML 55Page - Renesas Technology Corp R5F110ME Datasheet HTML 56Page - Renesas Technology Corp R5F110ME Datasheet HTML 57Page - Renesas Technology Corp R5F110ME Datasheet HTML 58Page - Renesas Technology Corp R5F110ME Datasheet HTML 59Page - Renesas Technology Corp R5F110ME Datasheet HTML 60Page - Renesas Technology Corp R5F110ME Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 57 of 149
Feb 21, 2014
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
Note 2.
When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 3.
Use it with VDD
 Vb.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance) mode for the SOp pin
and SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and
VIL, see the DC characteristics with TTL input buffer selected.
(Remarks are listed on the next page.)
(8)
Communication at different potential (1.8 V, 2.5 V) (CSI mode) (master mode, SCKp... internal clock
output)
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SIp setup time
(to SCKp
↑) Note 1
tSIK1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
177
479
479
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
479
479
479
ns
SIp hold time
(from SCKp
↑) Note 1
tKSI1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
19
19
19
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
19
19
19
ns
Delay time from
SCKp
↓ to SOp
output Note 1
tKSO1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
195
195
195
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
483
483
483
ns
SIp setup time
(to SCKp
↓) Note 2
tSIK1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
44
110
110
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
110
110
110
ns
SIp hold time
(from SCKp
↓) Note 2
tKSI1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
19
19
19
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
19
19
19
ns
Delay time from
SCKp
↑ to SOp
output Note 2
tKSO1
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V,
Cb = 30 pF, Rb = 2.7 k
25
25
25
ns
1.8 V
 VDD  3.3 V, 1.6 V  Vb  2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
25
25
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com