Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F110ME Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 67Page - Renesas Technology Corp R5F110ME Datasheet HTML 68Page - Renesas Technology Corp R5F110ME Datasheet HTML 69Page - Renesas Technology Corp R5F110ME Datasheet HTML 70Page - Renesas Technology Corp R5F110ME Datasheet HTML 71Page - Renesas Technology Corp R5F110ME Datasheet HTML 72Page - Renesas Technology Corp R5F110ME Datasheet HTML 73Page - Renesas Technology Corp R5F110ME Datasheet HTML 74Page - Renesas Technology Corp R5F110ME Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 71 of 149
Feb 21, 2014
(3)
BC option standard
(TA = -40 to +85 °C, 4.35 V UVBUS 5.25 V, 2.4 V VDD 3.6 V, VSS = 0 V, HS (High-speed main) mode only)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
UDP/UDM input reference
voltage
(UVBUS divider ratio)
(Function)
VDSELi [3: 0]
(i = 0, 1)
0000
VDDET0
27
32
37
%UVBUS
0001
VDDET1
29
34
39
%UVBUS
0010
VDDET2
32
37
42
%UVBUS
0011
VDDET3
35
40
45
%UVBUS
0100
VDDET4
38
43
48
%UVBUS
0101
VDDET5
41
46
51
%UVBUS
0110
VDDET6
44
49
54
%UVBUS
0111
VDDET7
47
52
57
%UVBUS
1000
VDDET8
51
56
61
%UVBUS
1001
VDDET9
55
60
65
%UVBUS
1010
VDDET10
59
64
69
%UVBUS
1011
VDDET11
63
68
73
%UVBUS
1100
VDDET12
67
72
73
%UVBUS
1101
VDDET13
71
76
81
%UVBUS
1110
VDDET14
75
80
85
%UVBUS
1111
VDDET15
79
84
89
%UVBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com