Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F110ME Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 23Page - Renesas Technology Corp R5F110ME Datasheet HTML 24Page - Renesas Technology Corp R5F110ME Datasheet HTML 25Page - Renesas Technology Corp R5F110ME Datasheet HTML 26Page - Renesas Technology Corp R5F110ME Datasheet HTML 27Page - Renesas Technology Corp R5F110ME Datasheet HTML 28Page - Renesas Technology Corp R5F110ME Datasheet HTML 29Page - Renesas Technology Corp R5F110ME Datasheet HTML 30Page - Renesas Technology Corp R5F110ME Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 27 of 149
Feb 21, 2014
Note 1.
Value of current at which the device operation is guaranteed even if the current flows from an output pin to the VSS pin.
Note 2.
However, do not exceed the total current value.
Note 3.
Specification under conditions where the duty factor is 70%.
The output current value that has changed the duty ratio can be calculated with the following expression
(when changing the duty factor from 70% to n%).
• Total output current of pins = (IOL
0.7)/(n 0.01)
<Example>
Where n = 50% and IOL = 10.0 mA
Total output current of pins = (10.0
0.7)/(50 0.01) = 14.0 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor. A
current higher than the absolute maximum rating must not flow into one pin.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current,
low Note 1
IOL1
Per pin for P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P46, P50 to P57,
P60, P61, P70 to P77, P80 to P83,
P125 to P127, P140 to P143
20.0
Note 2
mA
Per pin for P60 and P61
15.0
Note 2
mA
Total of P40 to P46
(When duty = 70% Note 3)
2.7 V
VDD 3.6 V
15.0
mA
1.8 V
VDD < 2.7 V
9.0
mA
1.6 V
VDD < 1.8 V
4.5
mA
Total of P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P50 to P57, P60, P61,
P70 to P77, P80 to P83, P125 to P127,
P140 to P143
(When duty = 70% Note 3)
2.7 V
VDD 3.6 V
35.0
mA
1.8 V
VDD < 2.7 V
20.0
mA
1.6 V
VDD < 1.8 V
10.0
mA
Total of all pins
(When duty = 70% Note 3)
50.0
mA
IOL2
Per pin for P130, P150 to P156
0.4
Note 2
mA
Total of all pins
1.6 V
VDD 3.6 V
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com