Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1185G-4B-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1185G-4B-AE5-R
Description  150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1185G-4B-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1185G-4B-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR1185G-4B-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR1185G-4B-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR1185G-4B-AE5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1185
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A43.a
150mA CMOS LDO WITH
SHUTDOWN AND REFERENCE
BYPASS
DESCRIPTION
The UTC LR1185, a 150mA LDO regulator has very high PSRR
and super low dropout voltage especially suitable for wireless and
portable applications.
In the field of hand-held wireless devices, board space and
battery life are the main concerns of designers and end-users.
Because of the low quiescent current and low ESR ceramic
capacitors, UTC LR1185 can satisfy those concerns.
Furthermore, low current consumption (50μA), high output
accuracy, current limiting protection, and high ripple rejection ratio
are advantages of UTC LR1185.
FEATURES
* Operating voltage ranges : 2.7V~5.5V
* Dropout : 100mV at 150mA
* When IC shutdown: 5mA discharge current of VOUT
* Extreme low Noise for DSC application
* Extreme fast response in line/load transient
* Internal current limiting protection
* Internal thermal shutdown protection
* High PSRR
* Recommended 1μF output capacitor only for stability
* With TTL logic controlled shutdown input
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR1185L-xx-AE5-R
LR1185G-xx-AE5-R
SOT-23-5
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
LR1185L-xx-AE5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) AE5: SOT-23-5
(3) xx: refer to Marking Information
(4) L: Lead Free, G: Halogen Free
(4)Lead Free


Similar Part No. - LR1185G-4B-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1185G-4B-AF5-R UTC-LR1185G-4B-AF5-R Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results

Similar Description - LR1185G-4B-AE5-R

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com