Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988MD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4988MD
Description  Low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988MD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4988MD Datasheet HTML 7Page - STMicroelectronics L4988MD Datasheet HTML 8Page - STMicroelectronics L4988MD Datasheet HTML 9Page - STMicroelectronics L4988MD Datasheet HTML 10Page - STMicroelectronics L4988MD Datasheet HTML 11Page - STMicroelectronics L4988MD Datasheet HTML 12Page - STMicroelectronics L4988MD Datasheet HTML 13Page - STMicroelectronics L4988MD Datasheet HTML 14Page - STMicroelectronics L4988MD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L4988
Electrical specifications
Doc ID 13617 Rev 6
11/32
2.4
Electrical characteristics curves
Figure 3.
Output voltage vs. Tj
Figure 4.
Output voltage vs. Vs
Figure 5.
Drop Voltage vs. Output Current
Figure 6.
Current consumption vs. Output
Current
Figure 7.
Current consumption vs. Input
Voltage
Figure 8.
Current limitation vs. Tj
-50
-25
0
25
50
75
100
125
150
Tj(°C )
4,5
4,6
4,7
4,8
4,9
5
5,1
5,2
5,3
5,4
5,5
Vo_ref (V)
Vs= 13.5V
I0 = 75mA
0
5
10
15
20
25
30
35
Vs (V )
0
1
2
3
4
5
6
7
8
9
10
Vo_ref (V)
I0 = 75 mA
Tj = 25 °C
0
50
100
150
200
250
Io (mA)
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
Vdp (V)
Tj= 25 °C
Tj= 125 °C
0
40
80
120
160
200
240
Io (mA)
0
300
600
900
1200
1500
1800
Iqn (µA)
Vs= 13.5 V
Tj= 25 °C
WEn= High
0
5
10
15
20
25
30
35
Vs (V )
0
400
800
1200
1600
2000
2400
Iqn(µA )
Tj = 25 °C
WEn = High
Io = 1mA
Io = 50mA
Io= 100mA
Io= 200mA
-50
-25
0
25
50
75
100
125
150
Tj(°C )
0
100
200
300
400
500
600
Ilim (mA)
Vs= 13.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com