Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988MD Datasheet(PDF) 31 Page - STMicroelectronics

Part # L4988MD
Description  Low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988MD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L4988MD Datasheet HTML 24Page - STMicroelectronics L4988MD Datasheet HTML 25Page - STMicroelectronics L4988MD Datasheet HTML 26Page - STMicroelectronics L4988MD Datasheet HTML 27Page - STMicroelectronics L4988MD Datasheet HTML 28Page - STMicroelectronics L4988MD Datasheet HTML 29Page - STMicroelectronics L4988MD Datasheet HTML 30Page - STMicroelectronics L4988MD Datasheet HTML 31Page - STMicroelectronics L4988MD Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
L4988
Revision history
Doc ID 13617 Rev 6
31/32
6
Revision history
01
Table 13.
Document revision history
Date
Revision
Changes
01-Jun-2007
1
Initial release
30-Aug-2007
2
Added features table.
Added list of tables and figures.
Updated Section 2.3: Electrical characteristics.
Added Section 4: Package and PCB thermal data.
Added SO-8 packing information and SO-20 packing information.
13-Feb-2008
3
Update Section 2.3: Electrical characteristics.
04-Jun-2008
4
Document restructured.
Changed Figure 1: Block diagram.
Updated features table on cover page: changed quiescent current
value from 80 to 75 µA.
Updated Table 5: General:
– changed Ishort typical value from 250 to 280 mA
– changed Iqn_50 typical value from 550 to 500 µA
– changed Iq_1_we typical value from 130 to 93 µA
– changed Iq_1_wd typical value from 80 to 75 µA.
Updated Table 7: Watchdog:
– changed Vwlth values in Vo_ref percentages
– changed Vwhth values in Vo_ref percentages.
Added Figure 24: L4988 application schematic.
Added Section 2.4: Electrical characteristics curves.
Added Section 2.5: Test circuit and waveforms plot.
05-Apr-2012
5
Update Table 3: Absolute maximum ratings.
20-Sep-2013
6
Updated disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com