Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988MD Datasheet(PDF) 28 Page - STMicroelectronics

Part # L4988MD
Description  Low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988MD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L4988MD Datasheet HTML 24Page - STMicroelectronics L4988MD Datasheet HTML 25Page - STMicroelectronics L4988MD Datasheet HTML 26Page - STMicroelectronics L4988MD Datasheet HTML 27Page - STMicroelectronics L4988MD Datasheet HTML 28Page - STMicroelectronics L4988MD Datasheet HTML 29Page - STMicroelectronics L4988MD Datasheet HTML 30Page - STMicroelectronics L4988MD Datasheet HTML 31Page - STMicroelectronics L4988MD Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package and packing information
L4988
28/32
Doc ID 13617 Rev 6
5.4
SO-8 packing information
Figure 38. SO-8 tube shipment (no suffix)
k0°
8°
ddd
0.10
1.
“D” dimension does not include mold flash, protusions or gate burrs. Mold flash, protusions or gate burrs
shall not exceed 0.15mm per side.
Table 12.
SO-20 mechanical data (continued)
Symbol
Millimeters
Min.
Typ.
Max.
All dimensions are in mm.
Base q.ty
100
Bulk q.ty
2000
Tube length (± 0.5)
532
A
3.2
B
6
C (± 0.1)
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com