Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL064CD Datasheet(PDF) 4 Page - Motorola, Inc

Part # TL064CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL064CD Datasheet(HTML) 4 Page - Motorola, Inc

  TL064CD Datasheet HTML 1Page - Motorola, Inc TL064CD Datasheet HTML 2Page - Motorola, Inc TL064CD Datasheet HTML 3Page - Motorola, Inc TL064CD Datasheet HTML 4Page - Motorola, Inc TL064CD Datasheet HTML 5Page - Motorola, Inc TL064CD Datasheet HTML 6Page - Motorola, Inc TL064CD Datasheet HTML 7Page - Motorola, Inc TL064CD Datasheet HTML 8Page - Motorola, Inc TL064CD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL062 TL064
4
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V, VEE = –15 V
RL = 10 kΩ
TA = 25°C
VCC = +12 V, VEE = –12 V
VCC = +5.0 V, VEE = –5.0 V
VCC = +2.5 V, VEE = –2.5 V
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
75
50
100
125
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
Figure 1. Maximum Power Dissipation versus
Temperature for Package Variations
Figure 2. Output Voltage Swing
versus Supply Voltage
Figure 3. Output Voltage Swing
versus Temperature
Figure 4. Output Voltage Swing
versus Load Resistance
Figure 5. Output Voltage Swing
versus Frequency
Figure 6. Large Signal Voltage Gain
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
–55 –40
–20
0
20
40
60
80
100 120
140
160
SO–14
SO–8
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
RL = 10 kΩ
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
RL, LOAD RESISTANCE (kΩ)
0.1
0.2
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0 10
VCC = +15 V
VEE = –15 V
TA = 25°C
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
10 M
10
20
30
40
50
70
100
0
400
800
1200
1600
2000
2400
0
5.0
10
15
20
25
30
35
40
0
5.0
10
15
20
25
30
35
40
0
6.0
12
18
24
30
0
5.0
10
15
20
25
30
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com