Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL064CD Datasheet(PDF) 7 Page - Motorola, Inc

Part # TL064CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL064CD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button TL064CD Datasheet HTML 3Page - Motorola, Inc TL064CD Datasheet HTML 4Page - Motorola, Inc TL064CD Datasheet HTML 5Page - Motorola, Inc TL064CD Datasheet HTML 6Page - Motorola, Inc TL064CD Datasheet HTML 7Page - Motorola, Inc TL064CD Datasheet HTML 8Page - Motorola, Inc TL064CD Datasheet HTML 9Page - Motorola, Inc TL064CD Datasheet HTML 10Page - Motorola, Inc TL064CD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TL062 TL064
7
MOTOROLA ANALOG IC DEVICE DATA
C3
2
1
2
π R1 C1
Figure 19. AC Amplifier
Figure 20. High–Q Notch Filter
Figure 21. Instrumentation Amplifier
Figure 22. 0.5 Hz Square–Wave Oscillator
Figure 23. Audio Distribution Amplifier
+
1/2
TL062
5
1
250 k
Ω
10 k
Ω
50
Ω
VCC
Output
1.0 M
Ω
0.1
µF
Inputs
–
10 k
Ω
10 k
Ω
0.1
µF
VCC
VEE
Output
R2
R1
C3
R3
C2
C1
Input
R1 = R2 = 2R3 = 1.5 M
Ω
C1 = C2 =
= 110 pF
fo =
= 1.0 kHz
–
+
+
–
TL064
Input A
10 k
Ω
0.1%
VCC
Output
VCC
VCC
VCC
VEE
VEE
VEE
VEE
–
–
–
+
+
+
TL064
TL064
TL064
Input B
100 k
Ω
10 k
Ω
0.1%
10 k
Ω
0.1%
10 k
Ω
0.1%
100 k
Ω
100
Ω
1.0
M
Ω
1
CF = 3.3 µF
RF = 100 kΩ
+15 V
+
–
–15 V
9.1 k
Ω
f =
1.0 k
Ω
3.3 k
Ω
3.3 k
Ω
+
–
TL064
VCC
1.0 M
Ω
100 k
Ω
VCC
100
µF
VCC
VCC
VCC
1.0
µF
Input
Output A
Output B
Output C
–
–
–
+
+
+
TL064
TL064
TL064
100 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
1/2
TL062
1/2
TL062
2
π RF CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com