Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL064CD Datasheet(PDF) 1 Page - Motorola, Inc

Part # TL064CD
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL064CD Datasheet(HTML) 1 Page - Motorola, Inc

  TL064CD Datasheet HTML 1Page - Motorola, Inc TL064CD Datasheet HTML 2Page - Motorola, Inc TL064CD Datasheet HTML 3Page - Motorola, Inc TL064CD Datasheet HTML 4Page - Motorola, Inc TL064CD Datasheet HTML 5Page - Motorola, Inc TL064CD Datasheet HTML 6Page - Motorola, Inc TL064CD Datasheet HTML 7Page - Motorola, Inc TL064CD Datasheet HTML 8Page - Motorola, Inc TL064CD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL062
TL064
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER JFET INPUT
OPERATIONAL AMPLIFIERS
Order this document by TL062/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 646
8
1
1
8
14
1
14
1
DUAL
PIN CONNECTIONS
(Top View)
QUAD
PIN CONNECTIONS
(Top View)
4
23
1
*
VEE
Inputs 1
Output 1
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Inputs 2
Output 2
VCC
Output 4
Inputs 4
VEE
Inputs 3
Output 3
–
+
1
2
3
4
8
7
6
5
–
+
1
2
3
4
5
6
78
9
10
11
12
13
14
+
*
+
+
–
+
–
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power JFET Input
Operational Amplifiers
These JFET input operational amplifiers are designed for low power
applications. They feature high input impedance, low input bias current and
low input offset current. Advanced design techniques allow for higher slew
rates, gain bandwidth products and output swing.
The commercial and vehicular devices are available in Plastic dual in–line
and SOIC packages.
• Low Supply Current: 200 µA/Amplifier
• Low Input Bias Current: 5.0 pA
• High Gain Bandwidth: 2.0 MHz
• High Slew Rate: 6.0 V/µs
• High Input Impedance: 1012 Ω
• Large Output Voltage Swing: ±14 V
• Output Short Circuit Protection
Representative Schematic Diagram
(Each Amplifier)
+
Q3
Q2
Q1
–
+
R2
R5
J1
J2
R1
Q4
C1
Q5
D2
R3
Q7
R4
VCC
Output
D1
C2
Q6
VEE
Inputs
ORDERING INFORMATION
Op Amp
Function
Device
Operating
Temperature Range
Package
TL062CD, ACD
TL062CP, ACP
TA = 0° to +70°C
SO–8
Plastic DIP
Dual
TL062VD
TL062VP
TA = –40° to +85°C
SO–8
Plastic DIP
TL064CD, ACD
TL064CN, ACN
TA = 0° to +70°C
SO–14
Plastic DIP
Quad
TL064VD
TL064VN
TA = –40° to +85°C
SO–14
Plastic DIP
© Motorola, Inc. 1996
Rev 5


Similar Part No. - TL064CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064CD STMICROELECTRONICS-TL064CD Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
logo
Texas Instruments
TL064CD TI-TL064CD Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CD TI-TL064CD Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064CD STMICROELECTRONICS-TL064CD Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
logo
Texas Instruments
TL064CD TI-TL064CD Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_10 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI1-TL061 Datasheet
2Mb / 52P
Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
TL06xx Low-Power JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com