Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # RL78
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 30Page - Renesas Technology Corp RL78 Datasheet HTML 31Page - Renesas Technology Corp RL78 Datasheet HTML 32Page - Renesas Technology Corp RL78 Datasheet HTML 33Page - Renesas Technology Corp RL78 Datasheet HTML 34Page - Renesas Technology Corp RL78 Datasheet HTML 35Page - Renesas Technology Corp RL78 Datasheet HTML 36Page - Renesas Technology Corp RL78 Datasheet HTML 37Page - Renesas Technology Corp RL78 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 34 of 42
Jan 31, 2014
- UREGC pin voltage levels (RL78/L1C only)
UREGC pin voltage level on QB-RL78L1C differs from the target device.
Target device: 3.3V
QB-RL78L1C: Open
- TTL input buffer characteristics
If the port input mode register (PIM) is used to set the input of a pin that can be set for the TTL buffer to the TTL
level, the high-level input voltage characteristics differs from that of the target device.
Refer to a device user’s manual about the pins which setting is possible to a TTL buffer.
Table 4-4.
Input Characteristics of TTL
Item
Conditions
Target device
RL78/L1C
VIH MIN
2.0V(3.3 V
≤ VDD ≤ 3.6 V)
1.5V(1.6 V
≤ VDD < 3.3 V)
VIL MAX
0.5V (3.3 V
≤ VDD ≤ 3.6 V)
0.32V(1.6 V
≤ VDD < 3.3 V)
Target device
RL78/L13
VIH MIN
2.2V(4.0 V
≤ VDD ≤ 5.5 V)
2.0V(3.3 V
≤ VDD < 4.0 V)
1.5V(1.6 V
≤ VDD < 3.3 V)
VIL MAX
0.8V(4.0 V
≤ VDD ≤ 5.5 V)
0.5V(3.3 V
≤ VDD < 4.0 V)
0.32V(1.6 V
≤ VDD < 3.3 V)
QB-RL78L1C
VIH MIN
2.0V (3.3 V
≤ VDD ≤ 5.5 V)
1.17V(1.6 V
≤ VDD < 3.3 V)
VIL MAX
0.8V (3.3 V
≤ VDD ≤ 5.5 V)
0.62V(1.6 V
≤ VDD < 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com