Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RL78
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 24Page - Renesas Technology Corp RL78 Datasheet HTML 25Page - Renesas Technology Corp RL78 Datasheet HTML 26Page - Renesas Technology Corp RL78 Datasheet HTML 27Page - Renesas Technology Corp RL78 Datasheet HTML 28Page - Renesas Technology Corp RL78 Datasheet HTML 29Page - Renesas Technology Corp RL78 Datasheet HTML 30Page - Renesas Technology Corp RL78 Datasheet HTML 31Page - Renesas Technology Corp RL78 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 28 of 42
Jan 31, 2014
Figure 2-6.
GND Wire
<3> Connect the YQ connector and the exchange adapter to the target connector (D in Figure 2-6).
<4> Connect the emulation probe to the exchange adapter (connection of E to F in Figure 2-6).
<5> Connect the two GND wires on the target system side of the emulation probe to the target system
GND. If a pin or screw is fastened to the target system GND, remove the transparent terminal
cover on the end of the GND wire and fasten the Y terminal of the GND wire to the target system
(G in Figure 2-6). If the GND on the target system is an exposed pad, likewise fasten the Y
terminal to the pad on the target system by soldering (H in Figure 2-6)
(recommended soldering iron temperature setting: 300°C).
<6> If the target system has only one GND, connect only one of the GND wires of the emulation probe.
Cut off the other GND wires with a nipper or leave it as is without removing the pin cover.
<7> Since the length of the GND wire below the head (insulated part) is approximately 60 mm, there
must be at least a GND to which it can be connected to within the range of the two approximately
60 mm radius sections of the target system for connecting the emulation probe, as shown in
Figure 2-7. The GND wire of the emulation probe is soldered to positions J and K in Figure 2-7.
QB-RL78L1C
(A)
(B)
(C)
(D)
(F)
(E)
(H)
(G)
Target system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com