Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RL78
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 32Page - Renesas Technology Corp RL78 Datasheet HTML 33Page - Renesas Technology Corp RL78 Datasheet HTML 34Page - Renesas Technology Corp RL78 Datasheet HTML 35Page - Renesas Technology Corp RL78 Datasheet HTML 36Page - Renesas Technology Corp RL78 Datasheet HTML 37Page - Renesas Technology Corp RL78 Datasheet HTML 38Page - Renesas Technology Corp RL78 Datasheet HTML 39Page - Renesas Technology Corp RL78 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 36 of 42
Jan 31, 2014
- D+/D- pull-up operation when using USB function module (RL78/L1C only)
D+/D- pull-up operation on QB-RL78L1C differs from the target device.
Target device:
- D+ pull-up is enabled when bit 4 of the system configuration control register (SYSCFG) is “1”
(DPRPU = “1”)
- D- pull-up is enabled when bit 3 of the system configuration control register (SYSCFG) is “1”
(DMRPU = “1”)
QB-RL78L1C:
Either bit 4 (DPRPU) or bit 3 (DMRPU) of the system configuration control register (SYSCFG) is
made "1", D- or D+ is pulled up as follows.
- D+ pull-up is enabled when using the full-speed operation.
- D- pull-up is enabled when using the low-speed operation.
- Operating voltage of USB battery charging detection (RL78/L1C only)
Operation voltage of USB battery charging detection on QB-RL78L1C differs from the target device.
Target device:
Operation voltage is proportional to UVBUS voltage levels because it is generated by the supply
voltage of UVBUS pin.
QB-RL78L1C:
Operation voltage is 5V because it is generated by QB-RL78L1C internal power supply (5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com