Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1C Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RL1C
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL1C Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RL1C Datasheet HTML 34Page - Renesas Technology Corp RL1C Datasheet HTML 35Page - Renesas Technology Corp RL1C Datasheet HTML 36Page - Renesas Technology Corp RL1C Datasheet HTML 37Page - Renesas Technology Corp RL1C Datasheet HTML 38Page - Renesas Technology Corp RL1C Datasheet HTML 39Page - Renesas Technology Corp RL1C Datasheet HTML 40Page - Renesas Technology Corp RL1C Datasheet HTML 41Page - Renesas Technology Corp RL1C Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 38 of 53
Mar. 28, 2014
EEL_Init
[Function]
Processing to initialize the RAM used for EEPROM emulation
[Format]
<C language>
eel_status_t
__far EEL_Init (void)
<Assembler>
CALL !EEL_Init or CALL !!EEL_Init
Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not.
[Pre-conditions]
1.
The FSL and the EEL processing must be either not executing or finished.
2.
The FDL_Init and FDL_Open function must have finished normally.
[Post-conditions]
Execute the EEL_Open function.
[Cautions]
1.
When starting EEPROM emulation, always execute this function to initialize the RAM to be used.
2.
This function is mutually exclusive with FSL. Before executing this function, be sure to close FSL. Also, never
use any FSL functions during EEPROM emulation.
3.
To use FSL after this function is executed, the RAM must be reinitialized, so always execute this function
when restarting EEL.
4.
To execute this function again, always close EEL.
[Register status after calling this function]
Return values: C
[Arguments]
None
[Return values]
Type
Symbol Definition
Description
eel_status_t
EEL_OK
Normal end
EEL_ERR_CONFIGURATION
Initialization error. The EEL cannot be executed with the
values set by the FDL_Init and EEL_Init functions.
Check the current setting referring to section 4.3, Initial
Values to be set by User.
Remark Assembly language return values are stored in register C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com