Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1C Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RL1C
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL1C Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RL1C Datasheet HTML 37Page - Renesas Technology Corp RL1C Datasheet HTML 38Page - Renesas Technology Corp RL1C Datasheet HTML 39Page - Renesas Technology Corp RL1C Datasheet HTML 40Page - Renesas Technology Corp RL1C Datasheet HTML 41Page - Renesas Technology Corp RL1C Datasheet HTML 42Page - Renesas Technology Corp RL1C Datasheet HTML 43Page - Renesas Technology Corp RL1C Datasheet HTML 44Page - Renesas Technology Corp RL1C Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 41 of 53
Mar. 28, 2014
EEL_Execute
[Function]
EEPROM emulation execution function
Each type of processing for performing EEPROM emulation operations is specified for this function as an
argument in the command format, and the processing is executed.
[Format]
<C language>
void __far EEL_Execute(__near eel_request_t* request_pstr);
<Assembler>
CALL !EEL_Execute or CALL !!EEL_Execute
Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not.
[Pre-conditions]
The FDL_Init, FDL_Open and EEL_Init, EEL_Open functions must have finished normally.
[Post-conditions]
1.
While status_enu of the request structure (eel_request_t) is EEL_BUSY, execute the EEL_Handler function
repeatedly.
2.
The EEL_Execute function starts command processing and then immediately returns the control to the user
program. The command processing is continued by executing the EEL_Handler function. Therefore, the
EEL_Handler function must be executed continuously until the command processing is completed.
[Cautions]
None
[Register status after calling this function]
Corrupted register: AX (argument)
[Arguments]
Argument
Type
Description
request_pstr
eel_request_t* (near)
Pointer to the request structure (eel_request_t)
eel_request_t Details
Member
Type
Description
eel_request_t.address_pu08
eel_u08 *
(near)
Pointer to the data buffer for storing write and read
data
Note
eel_request_t.identifier_u08
eel_u08
Parameter for setting command to be executed
eel_request_t.command_enu
eel_command_t
Command to be executed
eel_request_t.status_enu
eel_status_t
Command execution status
Note: Specify this parameter only for a command that requires the parameter. Set up the data buffer size according
to the byte sizes of the write and read data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com