Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RL1C
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL1C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RL1C Datasheet HTML 25Page - Renesas Technology Corp RL1C Datasheet HTML 26Page - Renesas Technology Corp RL1C Datasheet HTML 27Page - Renesas Technology Corp RL1C Datasheet HTML 28Page - Renesas Technology Corp RL1C Datasheet HTML 29Page - Renesas Technology Corp RL1C Datasheet HTML 30Page - Renesas Technology Corp RL1C Datasheet HTML 31Page - Renesas Technology Corp RL1C Datasheet HTML 32Page - Renesas Technology Corp RL1C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
RL78 Family
Chapter 4
Using EEPROM Emulation
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 29 of 53
Mar. 28, 2014
(1) Operation frequency
This sets an operation frequency which is used in RL78 microcontrollers.
Note1
The setting value is set to the FDL_Init frequency parameter by the following expressions (The frequency is
calculated by raising its decimals. The result calculated omits its decimals.).
Setting value of FDL_Init operation frequency = ((FDL_SYSTEM_FREQUENCY + 999999)/1000000)
Ex.1: When FDL_SYSTEM_FREQUENCY is 20000000 (20 MHz),
((20000000 + 999999)/10000000) = 20.999999 = 20
Ex.2: When FDL_SYSTEM_FREQUENCY is 4500000 (4.5 MHz),
((4500000 + 999999)/10000000) = 5.499999 = 5
Ex.3: When FDL_SYSTEM_FREQUENCY is 5000001 (5.000001 MHz),
((5000001 + 999999)/10000000) = 6.000000 = 6
Note1:
This setting is a value required to control data flash memory. This setting does not change the
operation frequency of RL78 microcontrollers. In addition, this operation frequency is not the
frequency of the high-speed on-chip oscillator.
(2) Voltage mode
Note 2
This sets the voltage mode of data flash memory.
Note 3
When FDL_WIDE_VOLTAGE_MODE is not defined: Full-speed mode
When FDL_WIDE_VOLTAGE_MODE is defined: Wide voltage mode
Note 2: The FDL_WIDE_VOLTAGE_MODE is commented out and not defined in the initial setting. To use
RL78 microcontrollers in the wide voltage mode, cancel the comment-out to define the mode.
Note 3: For details of the voltage mode, see the corresponding RL78 microcontrollers user’s manual.
(3) FDL pool size
Specify 0.
(4) EEL pool size
Note 4
The number of blocks in the data flash memory of the target device must be specified as the number of
blocks in the EEL pool.
Note 4: Specify 3 (3 blocks) or a greater value (recommended).
(5) Number of stored data items
Specify the number of data items to be used in the EEPROM emulation. A value of 1 to 64 can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com