Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1122 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NISCXI-1122
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1122 Datasheet(HTML) 5 Page - National Instruments Corporation

  NISCXI-1122 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 5Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 6Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 7Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 8Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Maximum for 25 °C unless otherwise noted
Complete Accuracy Table
Number of channels
Input signal ranges........................................... See accuracy table
Maximum working voltage
Overvoltage protection
Transfer Characteristics
Nonlinearity
Offset error ....................................................... See accuracy table
Gain error ......................................................... See accuracy table
For a definition of specific terms, please visit ni.com/glossary.
304 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
SCXI Isolated Universal Input Modules
Specifications
System Noise (Peak, 3 Sigma)*
Temperature Drift
Percent of Reading*
Single Point
Average
Percent of
Module
Nominal Range* 2
Overall Gain*
Typical
Max
Offset*
4 Hz
10 kHz
4 Hz
10 kHz
Reading/°C
Offset (°C)
SCXI-1121
±250 Vrms3
0.012
0.2548
0.6498
0.5 V
74.4 mV
709 mV
14.4 mV
151 mV
0.0029
22.0 mV
±250 V3
0.022
0.2548
0.6498
250 mV
33.6 mV
336 mV
7.28 mV
77.0 mV
0.0029
11.0 mV
±100 V3
0.052
0.2548
0.6498
100 mV
13.0 mV
146 mV
2.91 mV
32.4 mV
0.0029
4.4 mV
±50 V3
0.12
0.2548
0.6498
50 mV
6.48 mV
71.1 mV
1.46 mV
17.2 mV
0.0029
2.2 mV
±25 V3
0.22
0.2548
0.6498
25 mV
3.75 mV
43.3 mV
728 µV
11.5 mV
0.0029
1.12 mV
±10 V3
0.52
0.2548
0.6498
10 mV
1.3 mV
15.2 mV
293 µV
3.39 mV
0.0029
460 µV
±5 V
1
0.2478
0.6478
5.0 mV
625 µV
6.34 mV
144 µV
1.52 mV
0.0027
240 µV
±2.5 V
2
0.2478
0.6478
2.5 mV
352 µV
3.40 mV
70.3 µV
771 µV
0.0027
130 µV
±1 V
5
0.2478
0.6478
1.0 mV
138 µV
1.32 mV
28.4 µV
311 µV
0.0027
64 µV
±500 mV
10
0.2478
0.6478
508 µV
67.3 µV
609 µV
15.6 µV
154 µV
0.0027
42 µV
±250 mV
20
0.2478
0.6478
258 µV
35.1 µV
371 µV
7.23 µV
83.4 µV
0.0027
31 µV
±100 mV
50
0.2478
0.6478
108 µV
13.3 µV
129 µV
2.86 µV
31.9 µV
0.0027
24.4 µV
±50 mV
100
0.2478
0.6478
58 µV
6.65 µV
70.0 µV
1.44 µV
16.0 µV
0.0027
22.2 µV
±25 mV
200
0.2478
0.6478
33 µV
3.04 µV
36.2 µV
0.704 µV
9.44 µV
0.0027
21.1 µV
±20 mV
250
0.2478
0.6478
28 µV
2.60 µV
37.8 µV
0.573 µV
9.85 µV
0.0027
20.7 µV
±10 mV
500
0.2478
0.6478
18 µV
1.43 µV
20.6 µV
0.303 µV
5.60 µV
0.0027
20.4 µV
±5 mV
1,000
0.2478
0.6478
13 µV
0.681 µV
17.3 µV
0.170 µV
4.35 µV
0.0027
20.2 µV
±2.5 mV
2,000
0.2478
0.6478
11 µV
0.488 µV
16.3 µV
0.119 µV
3.74 µV
0.0027
20.1 µV
*Absolute Accuracy (15 to 35 °C). Absolute accuracy is (voltage reading) x (% of Reading) + (offset error) + (system noise). To include the effects of temperature drift outside the range 15 to 25 ˚C, add the term ∆T x (Gain drift) x (Range) + ∆T x (Offset Drift),
where ∆T is temperature difference between the module temperature and 15 or 35 ˚C, whichever is smaller. Bandwidth setting is 10 Hz and Scan rate for 100-point averages is 200 scans/s. 1Vrms refers to sinusoidal waveform; V refers to DC or AC peak.
2 With SCXI-1327 high-voltage terminal block. 3Voltage is limited to 42 V
rms if using the SCXI-1305 terminal block. To calculate absolute accuracy for the SCXI-1121 refer to page 194 or visit ni.com/accuracy
System Noise (Peak, 3 Sigma)*
Temperature Drift
Percent of Reading*
Single Point
Average
Percent of
Module
Nominal Range*
Overall Gain*
Typical
Max
Offset*
4 Hz
10 kHz
4 Hz
10 kHz
Reading/°C
Offset (°C)
SCXI-1122
±250 Vrms
0.01
0.1528
0.1528
270 mV
29.8 mV
142 mV
5.9 mV
15.8 mV
0.0032
15.0 mV
±250 V
0.02
0.1528
0.1528
137 mV
14.9 mV
71.2 mV
2.95 mV
7.91 mV
0.0032
7.5 mV
±200 V
0.05
0.1528
0.1528
55.1 mV
5.96 mV
28.5 mV
1.18 mV
3.17 mV
0.0032
3.0 mV
±100 V
0.1
0.1528
0.1528
27.7 mV
2.98 mV
14.2 mV
591 µV
1.58 µV
0.0032
1.5 mV
±50 V
0.2
0.1528
0.1528
14.0 mV
1.49 mV
7.12mV
295 µV
791 µV
0.0032
750 µV
±20 V
0.5
0.1528
0.1528
5.83 mV
596 µV
2.85 mV
118 µV
317 µV
0.0032
300 µV
±10 V
1
0.0578
0.0578
2.75 mV
298 µV
1.43 mV
59.1 µV
158 µV
0.0017
150 µV
±5 V
2
0.0578
0.0578
1.48 mV
149 µV
712 µV
29.5 µV
79.1 µV
0.0017
75.2 µV
±2 V
5
0.0578
0.0578
556 µV
59.6 µV
285 µV
11.8 µV
31.7 µV
0.0017
30.2 µV
±1 V
10
0.0578
0.0578
282 µV
29.8 µV
142 µV
5.96 µV
15.8 µV
0.0017
15.2 µV
±500 mV
20
0.0578
0.0578
145 µV
14.9 µV
127 µV
2.95 µV
14.1 µV
0.0017
7.7 µV
±200 mV
50
0.0578
0.0578
62.8 µV
5.96 µV
112 µV
1.74 µV
12.5 µV
0.0017
3.2 µV
±100 mV
100
0.0578
0.0578
35.4 µV
2.98 µV
56.1 µV
1.31 µV
6.23 µV
0.0017
1.7 µV
±50 mV
200
0.0578
0.0578
21.7 µV
1.49 µV
28 µV
0.89 µV
3.11 µV
0.0017
0.95 µV
±20 mV
500
0.0578
0.0578
13.5 µV
0.596 µV
11.2 µV
0.50 µV
1.25 µV
0.0017
0.50 µV
±10 mV
1,000
0.0578
0.0578
10.7 µV
0.298 µV
5.61 µV
0.25 µV
0.62 µV
0.0017
0.35 µV
±5 mV
2,000
0.0578
0.0578
9.37 µV
0.149 µV
2.8 µV
0.20 µV
0.31 µV
0.0017
0.27 µV
*Absolute Accuracy (15 to 35 °C). Absolute accuracy is (voltage reading) x (% of Reading) + (offset error) + (system noise). To include the effects of temperature drift outside the range 15 to 25 ˚C, add the term ∆T x (Gain drift) x (Range) + ∆T x (Offset Drift),
where ∆T is temperature difference between the module temperature and 15 or 35 ˚C, whichever is smaller. Bandwidth setting is 10 Hz and Scan rate for 100-point averages is 200 scans/s. To calculate absolute accuracy for the SCXI-112s refer to page 194 or
visit ni.com/accuracy
Input Characteristics
SCXI-1121
4 differential
SCXI-1122
16 differential
Inputs Protected
SCXI-1121
CH <0..3>
SCXI-1122
CH <0..15>
Module
Signal + Common-mode
SCXI-1121
Each input should remain within 250 Vrms of ground and any other channel
SCXI-1122
Each input should remain within 480 Vrms of ground and 250 Vrms of any other channel
Module
Percent of Full Scale Range
SCXI-1121
± 0.04
SCXI-1122
± 0.01
Module
Powered On
Powered Off
SCXI-1121
250 Vrms
250 Vrms
SCXI-1122
250 Vrms
250 Vrms
Input Coupling
SCXI-1121
DC (or AC with SCXI-1305)
SCXI-1122
DC
Offsett
Offsett



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com