Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1122 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NISCXI-1122
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1122 Datasheet(HTML) 6 Page - National Instruments Corporation

  NISCXI-1122 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 5Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 6Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 7Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 8Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Amplifier Characteristics
Input impedance
Input bias current ............................................. ±80 pA
Input offset current
SCXI-1121.........................................................
±80 pA
SCXI-1122.........................................................
±80 pA
NMR (Normal Mode Rejection)
SCXI-1121......................................................... 60 dB (with 4 Hz filter enabled)
SCXI-1122......................................................... 60 dB (with 4 Hz filter enabled)
CMRR (Common Mode Rejection Ratio) (DC to 60 Hz)
Output range
SCXI-1121......................................................... ± 5 V
SCXI-1122......................................................... ± 10 V
Output impedance
Dynamic Characteristics
Multiplexer performance
System noise .................................................... See sccuracy table
Filter type ......................................................... 3-pole RC
Cutoff frequency (-3dB)
SCXI-1121......................................................... 4 Hz, 10 kHz (jumper selectable)
SCXI-1122......................................................... 4 Hz, 4 kHz (jumper selectable)
Stability
Excitation
Output Characteristics
Channels
SCXI-1121......................................................... 4 (voltage or current)
SCXI-1122......................................................... 2 (1 voltage and 1 current)
Bridge type ....................................................... Quarter, half, or full
Bridge completion
SCXI-1121......................................................... 4 (voltage or current)
SCXI-1122......................................................... 2 (1 voltage and 1 current)
Voltage Mode
Level
Drift................................................................... ±40 ppm/°C
Current drive
SCXI-1121 ........................................................ 28 mA per channel, (@ 3.333 V)
SCXI-1121......................................................... 14 mA per channel, (@ 10 V)
SCXI-1122......................................................... 225 mA
Current Mode
Level
Drift................................................................... ±40 ppm/°C
Maximum load resistance
SCXI-1121......................................................... 10 kΩ
SCXI-1122......................................................... 5 kΩ
Physical
Dimensions....................................................... 3.0 by 17.3 by 20.3 cm
(1.2 by 6.8 by 8.0 in.)
I/O connectors
Rear............................................................ 50-pin male ribbon cable rear connector
Front........................................................... 32-pin male DIN C connector
Environment
Operating temperature..................................... 0 to 50 ˚C
Storage temperature ........................................ -20 to 70 ˚C
Relative humidity ............................................. 5 to 90% noncondensing
Certification and Compliance
SCXI-1121/1122 ............................................... 250 V, Cat II working voltage
European Compliance
EMC ................................................................. EN 61326 Group I Class A, 10m,
Table 1 Immunity
Safety .............................................................. EN 61010-1
North American Compliance
EMC ............FCC Part 15 Class A using CISPR
Safety ............................................................... UL Listed to UL 3111-1
CAN/CSA C22.2 No. 1010.1
Australia & New Zealand Compliance
EMC ................................................................. AS/NZS 2064.1/2 (CISPR-11)
1 Includes effects of AT-MIO-16E-2 with 1 or 2 m SCXI cable assembly.
2 Includes effects of AT-MIO-16X with 1 or 2 m SCXI cable assembly.
For a definition of specific terms, please visit ni.com/glossary
SCXI Isolated Universal Input Modules
305
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Specifications
Module
Normal Powered On
Powered Off / Overload
SCXI-1121
1 GΩ
50 kΩ
SCXI-1122 (gain>1)
1 GΩ
100 kΩ
SCXI-1122 (gain<1)
1 MΩ
100 kΩ
Scan Interval (per channel, any gain setting)
Module
Filter Setting
Settle to ±0.012%1
Settle to ±0.006%2
Settle to ±0.0015%2
SCXI-1121
All settings
5.2 µs
10 µs
20 µs
SCXI-1122
4 Hz
1 s
–
–
4 kHz
10 ms
–
–
Module
Excitation Level
Accuracy
SCXI-1121 (jumper selectable)
3.333 V
± 0.04%
10 V
± 0.2%
SCXI-1122
3.333 V
± 0.04%
Module
Filter
CMRR 50 or 60 Hz
SCXI-1121
4 Hz
160 dB
10 kHz
100 dB
SCXI-1122
4 Hz
160 dB
4 kHz
100 dB
Module
Gain Temperature Coefficient
Offset Temperature Coefficient
SCXI-1121
20 ppm/°C
(± 0.2 ± 200/gain) µV/°C
SCXI-1122 (gain≥1)
10 ppm/°C
(± 0.2 ± 150/gain) µV/°C
SCXI-1122 (gain<1)
25 ppm/°C
(± 0.2 ± 150/gain) µV/°C
Module
Multiplexed Mode
Parallel Mode
SCXI-1121
100 Ω
330 Ω
SCXI-1122
75 Ω
–
Module
Excitation Level
Accuracy
SCXI-1121 (jumper selectable)
0.15 mA
± 0.04%
0.45 mA
± 0.2%
SCXI-1122
1.0 mA
± 0.04%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com