Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1122 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NISCXI-1122
Description  SCXI Isolated Universal Input Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1122 Datasheet(HTML) 2 Page - National Instruments Corporation

  NISCXI-1122 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 5Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 6Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 7Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 8Page - National Instruments Corporation NISCXI-1122 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Table 2. Channel Densities for Various Transducer Configurations
SCXI Isolated Universal Input Modules
301
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Cold-Junction Compensation
Both the SCXI-1121 and SCXI-1122 can read the cold-junction
sensor from a compatible terminal block that offers a cold-junction
sensor. In multiplexed mode, both modules must read the sensor as
a separate analog input operation. This is usually done before the start
of a continuous acquisition. For thermocouple measurements, the
SCXI-1102, 1112, and 1125 an sample the cold-junction sensor in the
same scan as the thermocouples, to provide better accuracy.
Transducer Conditioning
SCXI-1121
The SCXI-1121 offers a jumper-configurable, isolated excitation
source for each analog input channel. You can independently configure
each excitation source for 3.33 V, 10 V, 0.15 mA, or 0.45 mA with
jumpers for each setting. With this architecture, you can select from
120 or 350
bridge-based transducers, 100
RTDs, or up to 10 k
thermistors on a per-channel basis. Each channel also includes a
jumper-configurable internal half-bridge completion circuitry for
half and quarter-bridge measurements.
With the SCXI-1321, you can manually null the offset of bridges with
potentiometers and perform shunt calibration of strain gauges. The
SCXI-1321 includes four software programmable switches that connect
a socketed 301 k
shunt resistor across the transducer elements.
SCXI-1122
The SCXI-1122 offers only one voltage and one current excitation
channel for transducers such as RTDs, thermistors, and bridge-based
transducers. The isolated voltage excitation channel is a 3.333 V source
with internal half-bridge completion and a single remote sensing
terminal to help reduce lead resistance effects. The SCXI-1122 also
includes software-controlled shunt calibration capabilities for bridge
transducers. When activated, the module switches a 301 k
shunt
resistor, RSHUNT,across one arm of the bridge, from the positive input
to VEX+.The shunt resistor is socketed for easy replacement.
The isolated current excitation channel is a 1.0 mA source.
This source can drive fifteen 100
devices, such as RTDs, connected
in series. You can also configure the SCXI-1122 for 4-wire scanning
mode. When configured for 4-wire scanning mode, the current source
can drive up to eight 5 k
devices, such as thermistors, and still
maintain electrical isolation between transducers. The SCXI-1122 is
intended for use in low-speed, static (DC) measurements, not
dynamic measurements.
Calibration
Each channel of the SCXI-1121 has offset potentiometers so you can
calibrate each channel manually. The SCXI-1122 contains calibration
hardware to null-out error sources. With automatic input zeroing,
software programmable analog switches ground the inputs of the
instrumentation amplifier for offset error calibration. An onboard
EEPROM stores the calibration constants for each channel for each
input range in a user-defined area. The EEPROM also stores a set of
factory calibration constants in permanent memory, and cannot be
modified. NI-DAQ driver software transparently uses the calibration
constants to correct for gain, offset, and excitation source errors.
120 Ω (3.33 V) *
350 Ω (10 V) *
350 Ω (3.33 V) *
RTDs
Thermistors
SCXI Module
1
⁄4
1
⁄2
Full
1
⁄4
1
⁄2
Full
1
⁄4
1
⁄2
Full
100 Ω
< 5 kΩ
< 10 kΩ
SCXI-1121
44
4
4
–
44
4
4
4
4
SCXI-1122
16
16
8
–
–
–
16
16
16
16 (series), 8 (4-wire)
8 (4-wire)
–
*Bridge Transducer



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com