Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3658L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3658L-SH2-R
Description  3A, 1MHz, HIGH EFFICIENCY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3658L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3658L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UC3658L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC3658L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC3658L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3658
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A75.a
3A, 1MHz, HIGH EFFICIENCY
DESCRIPTION
The UTC UC3658 is a high-efficiency 1MHz synchronous
step-down DC-DC regulator IC capable of delivering up to 3A
output current. The UTC UC3658 operates over a wide input
voltage ranging form 3~5.5V and integrate main switch and
synchronous switch with very low RDS(ON) to minimize the
conduction loss.
Low output voltage ripple and small external inductor and
capacitor sizes are achieved with 1MHz switching provides the
system reset function and facilitates the output sequencing design.
FEATURES
* Low RDS(ON) for internal switches (top/bottom) 100mΩ/70mΩ, 3A
* 3~5.5V input voltage range
* 1MHz switching frequency minimizes the external components
* Internal softstart limits the inrush current
*100% dropout operation
* Output power good indicator
* RoHS compliant and halogen free
* Compact and thermally enhanced SO8 package with exposed
paddle
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3658L-SH2-R
UC3658G-SH2-R
HSOP-8
Tape Reel
MARKING INFORMATION
PACKAGE
MARKING
HSOP-8


Similar Part No. - UC3658L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655G-12-AF5-G UTC-UC3655G-12-AF5-G Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results

Similar Description - UC3658L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 27, 2007
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
October 18, 2010
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com