Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151CD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4151CD Datasheet HTML 1Page - National Semiconductor (TI) THS4151CD Datasheet HTML 2Page - National Semiconductor (TI) THS4151CD Datasheet HTML 3Page - National Semiconductor (TI) THS4151CD Datasheet HTML 4Page - National Semiconductor (TI) THS4151CD Datasheet HTML 5Page - National Semiconductor (TI) THS4151CD Datasheet HTML 6Page - National Semiconductor (TI) THS4151CD Datasheet HTML 7Page - National Semiconductor (TI) THS4151CD Datasheet HTML 8Page - National Semiconductor (TI) THS4151CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
TYPICAL CHARACTERISTICS
−20
−10
0
10
20
30
40
50
100 k
1 M
10 M
f − Frequency − Hz
100 M
1 G
G = 10
G = 5
G = 2
G = 1
VCC = ±5 V
VI = 22.5 mVRMS
G = 100
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
100k
1M
10M
100M
1G
f
Frequency
Hz
-
-
V
=5
CC
V
= 15
CC
±
V
= 5
CC
±
Gain=1
R =390
R =800
V =22.5mV
f
L
I
RMS
W
W
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
FIGURE
Small-signal frequency response
1, 2
Large-signal frequency response
3
Settling time
4
SR
Slew rate
vs Temperature
5
vs Frequency
6
Total harmonic distortion
vs Output voltage
7
vs Frequency
8–13
Harmonic distortion
vs Output voltage
14–17
Third intermodulation distortion
vs Output voltage
18
Vn
Voltage noise
vs Frequency
19
In
Current noise
vs Frequency
20
VO
Output voltage
vs Single-ended load resistance
21
Power supply current shutdown
vs Supply voltage
22
Output current range
vs Supply voltage
23
VOS
Single-ended output offset voltage
vs Common-mode output voltage
24
CMRR
Common-mode rejection ratio
vs Frequency
25
z
Impedance of the VOCM terminal
vs Frequency
26
zo
Output impedance (powered up)
vs Frequency
27
zo
Output impedance (shutdown)
vs Frequency
28
PSRR
Power-supply rejection ratio
vs Frequency
29
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com