Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151CD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4151CD Datasheet HTML 9Page - National Semiconductor (TI) THS4151CD Datasheet HTML 10Page - National Semiconductor (TI) THS4151CD Datasheet HTML 11Page - National Semiconductor (TI) THS4151CD Datasheet HTML 12Page - National Semiconductor (TI) THS4151CD Datasheet HTML 13Page - National Semiconductor (TI) THS4151CD Datasheet HTML 14Page - National Semiconductor (TI) THS4151CD Datasheet HTML 15Page - National Semiconductor (TI) THS4151CD Datasheet HTML 16Page - National Semiconductor (TI) THS4151CD Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
APPLICATION INFORMATION
RESISTOR MATCHING
V
CC) )
V
CC–
2
_
+
x1
Output Buffer
Vcm Error
Amplifier
C
R
C
R
x1
Output Buffer
VOUT+
VOUT-
VCC+
VCC-
VIN-
VIN+
30 k
Ω
30 k
Ω
VCC+
VCC-
VOCM
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
Resistor matching is important in fully differential amplifiers. The balance of the output on the reference voltage
depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic distortion
will diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or better to
keep the performance optimized.
VOCM sets the dc level of the output signals. If no voltage is applied to the VOCM pin, it will be set to the midrail
voltage internally defined as:
In the differential mode, the VOCM on the two outputs cancel each other. Therefore, the output in the differential
mode is the same as the input when gain is 1. VOCM has a high bandwidth capability up to the typical operating
range of the amplifier. For the prevention of noise going through the device, use a 0.1-
µF capacitor on the V
OCM
pin as a bypass capacitor. Figure 30 shows the simplified diagram of the THS415x.
Figure 30. THS415x Simplified Diagram
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com