Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151CD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4151CD Datasheet HTML 8Page - National Semiconductor (TI) THS4151CD Datasheet HTML 9Page - National Semiconductor (TI) THS4151CD Datasheet HTML 10Page - National Semiconductor (TI) THS4151CD Datasheet HTML 11Page - National Semiconductor (TI) THS4151CD Datasheet HTML 12Page - National Semiconductor (TI) THS4151CD Datasheet HTML 13Page - National Semiconductor (TI) THS4151CD Datasheet HTML 14Page - National Semiconductor (TI) THS4151CD Datasheet HTML 15Page - National Semiconductor (TI) THS4151CD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0
2000
4000
6000
8000
10000
12000
14000
16000
VCC = 5 V to ±15 V
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
0.1
1
10
100
100 k
1 M
10 M
f − Frequency − Hz
100 M
1 G
VCC = ±5 V
−70
−60
−50
−40
−30
−20
−10
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC− = 225 mVRMS + (-2.5 V) dc
= 225 mVRMS + (-5 V) dc
= 225 mVRMS + (-15 V) dc
VCC+ = 2.5 V, 5 V, 15 V
10
100
1000
100 k
1 M
10 M
100 M
1 G
VCC = ±5 V
Rf = R(g) = 500 Ω
f − Frequency − Hz
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
IMPEDANCE OF THE VOCM TERMINAL
OUTPUT IMPEDANCE (POWERED UP)
vs
vs
FREQUENCY
FREQUENCY
Figure 26.
Figure 27.
OUTPUT IMPEDANCE (SHUTDOWN)
POWER-SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 28.
Figure 29.
12
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com