Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1596L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD1596L-S08-R
Description  2A 150kHz 40V BUCK DC/DC CONVERTER WITH LED DRIVER AND BATTERY CHARGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1596L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LD1596L-S08-R Datasheet HTML 1Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 2Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 3Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 4Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD1596
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-A36.a
PIN CONFIGURATION
1
SW
2
SW
3
GND
4
FB
8
VIN
7
VIN
6
EN
5
CS
UTC
LD1596
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 2
SW
Power Switch Pin (SW).
3
GND
Ground Pin.
4
FB
Output control Pin
5
CS
Output Current Sense Pin
6
EN
Enable Pin.
7, 8
VIN
Supply Voltage Input Pin.
BLOCK DIAGRAM
CS
FB
VIN
EN
SW
GND
Start Up
1.23V Reference
Driver
Thermal Shutdown
+
-
+
-
-
+
-
+
-
VREF
VREF
OVP
Oscillator
150KHz
COMP
EA
Latch
OCP
Current Limit
Switch
+
180mV
60mΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com