Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1596L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD1596L-S08-R
Description  2A 150kHz 40V BUCK DC/DC CONVERTER WITH LED DRIVER AND BATTERY CHARGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1596L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LD1596L-S08-R Datasheet HTML 1Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 2Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 3Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 4Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD1596
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A36.a
2A 150kHz 40V BUCK DC/DC
CONVERTER WITH LED
DRIVER AND BATTERY
CHARGE
DESCRIPTION
The UTC LD1596 is a 150KHz fixed frequency PWM buck
(step-down) DC/DC converter, capable of driving a 2A load with
high efficiency.
The PWM control circuit is able to adjust the duty ratio linearly
from 0~100%. An enable function, an over current protection
function is built inside. An internal compensation block is built in to
minimize external component count.
FEATURES
* Wide 4.5V~40V Input Voltage Range
* Output Adjustable from 1.235V~37V
* Minimum Drop Out 1.5V
* Fixed 150kHz Switching Frequency
* 2A Constant Output Current Capability
* Internal Optimize Power Transistor
* Excellent line and load regulation
* TTL shutdown capability
* ON/OFF pin with hysteresis function
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LD1596L-S08-T
LD1596G-S08-T
SOP-8
Tube
LD1596L-S08-R
LD1596G-S08-R
SOP-8
Tape Reel


Similar Part No. - LD1596L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
2A 150kHz 40V BUCK DC/DC CONVERTER
More results

Similar Description - LD1596L-S08-R

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
2A 150kHz 40V BUCK DC/DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
XL4001 ETC2-XL4001 Datasheet
170Kb / 7P
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
XL4001 XLSEMI-XL4001 Datasheet
170Kb / 7P
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Shenzhen Huazhimei Semi...
HM3112B HMSEMI-HM3112B Datasheet
1Mb / 7P
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
HM3101 HMSEMI-HM3101 Datasheet
731Kb / 7P
2A 150kHz 40V Buck DC/DC Converter With Constant Current Loop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com