Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1596L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LD1596L-S08-R
Description  2A 150kHz 40V BUCK DC/DC CONVERTER WITH LED DRIVER AND BATTERY CHARGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1596L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LD1596L-S08-R Datasheet HTML 1Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 2Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 3Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 4Page - Unisonic Technologies LD1596L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD1596
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-A36.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3~45
V
FB Pin Voltage
VFB
-0.3~VIN
V
EN Pin Voltage
VEN
-0.3~VIN
V
SW Pin Voltage
VSW
-0.3~VIN
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (Junction to Ambient, No
Heatsink, Free Air)
RJA
50
°C/W
Operating Junction Temperature
TJ
-40~125
°C
Storage Temperature
TSTG
-65~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
150
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Parameters Test Circuit Figure 1
Feedback Voltage
VFB
VIN=8V~32V, VOUT=5V, ILOAD=0.2A~2A 1.21
1.235
1.26
V
Efficiency
η
VIN=12V, VOUT=5V, IOUT=2A
81
%
ELECTRICAL CHARACTERISTICS (DC PARAMETERS)
VIN=12V, GND=0V, VIN & GND parallel connect a 220uf/50V capacitor; IOUT=500mA, TA=25°C, the others floating
unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Operation Voltage
VIN
4.5
40
V
Shutdown Supply Current
ISTBY
VEN=5V
80
200
uA
Quiescent Supply Current
IQ
VEN=0V, VFB=VIN
2
5
mA
Oscillator Frequency
Fosc
127
150
172
Khz
Switch current Limit
IL
VFB=0
3
A
EN Pin Threshold
VEN
High (Regulator OFF)
1.4
V
Low (Regulator ON)
0.8
V
Output Saturation Voltage
VCE
VFB=0V, ISW=2A
1.1
1.4
V
Constant Current Sense Voltage
VCS
0.132 0.155 0.178
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com