Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6072CD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072CD
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072CD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS6072CD Datasheet HTML 1Page - National Semiconductor (TI) THS6072CD Datasheet HTML 2Page - National Semiconductor (TI) THS6072CD Datasheet HTML 3Page - National Semiconductor (TI) THS6072CD Datasheet HTML 4Page - National Semiconductor (TI) THS6072CD Datasheet HTML 5Page - National Semiconductor (TI) THS6072CD Datasheet HTML 6Page - National Semiconductor (TI) THS6072CD Datasheet HTML 7Page - National Semiconductor (TI) THS6072CD Datasheet HTML 8Page - National Semiconductor (TI) THS6072CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
MSOP
SYMBOL
EVALUATION
MODULE
0
°C to 70°C
2
THS6072CD
THS6072CDGN
AHZ
THS6072EVM
– 40
°C to 85°C
2
THS6072ID
THS6072IDGN
AIA
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS6072CDGN).
functional block diagram
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
–VCC
Figure 1. THS6072 – Dual Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com