Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6072CD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072CD
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072CD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS6072CD Datasheet HTML 6Page - National Semiconductor (TI) THS6072CD Datasheet HTML 7Page - National Semiconductor (TI) THS6072CD Datasheet HTML 8Page - National Semiconductor (TI) THS6072CD Datasheet HTML 9Page - National Semiconductor (TI) THS6072CD Datasheet HTML 10Page - National Semiconductor (TI) THS6072CD Datasheet HTML 11Page - National Semiconductor (TI) THS6072CD Datasheet HTML 12Page - National Semiconductor (TI) THS6072CD Datasheet HTML 13Page - National Semiconductor (TI) THS6072CD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ADSL line noise
Per ANSI T1.413, the noise power spectral density for an ADSL line is –140 dBm/
√Hz. This results in a voltage
noise requirement of less than 31.6 nV/
√Hz for the receiver in an ADSL system with a 1:1 transformer ratio.
Noise Power Spectral Density = –140 dBm/
√Hz
Power = 1e–17
× 1 Hz = 0.01 fW
Assume: RL = 100 Ω
Vnoise = √(P×R) = √(0.01 fW × 100 Ω) = 31.6 nV/√Hz
For ADSL systems that use a 1:2 transformer ratio, such as central office line cards, the voltage noise
requirement for the receiver is lowered to 15.8 nV/
√Hz.
TRANSFORMER
RATIO
Vnoise ON LINE
1:1
31.6 nV/
√Hz
1:2
15.8 nV/
√Hz
The THS6072 was designed to operate with 10 nV/
√Hz voltage noise, exceeding the noise requirements for
an ADSL system operating with 1:1 or 1:2 transformer ratios. For systems where a voltage noise of less than
10 nV/
√Hz voltage noise is required, see the THS6062 low noise ADSL receiver which operates with a voltage
noise level of 1.6 nV/
√Hz.
minimizing distortion
One way to minimize distortion is to increase the load impedance seen by the amplifier, thereby reducing the
currents in the output stage. This will help keep the output transistors in their linear amplification range and will
also reduce the heating effects. This can be seen in Figure 10 through Figure 13, which show a 1-k
Ω load
distortion is much better than a 150-
Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com