Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6072CD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072CD
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072CD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS6072CD Datasheet HTML 1Page - National Semiconductor (TI) THS6072CD Datasheet HTML 2Page - National Semiconductor (TI) THS6072CD Datasheet HTML 3Page - National Semiconductor (TI) THS6072CD Datasheet HTML 4Page - National Semiconductor (TI) THS6072CD Datasheet HTML 5Page - National Semiconductor (TI) THS6072CD Datasheet HTML 6Page - National Semiconductor (TI) THS6072CD Datasheet HTML 7Page - National Semiconductor (TI) THS6072CD Datasheet HTML 8Page - National Semiconductor (TI) THS6072CD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) (continued)
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ± 15 V
±13.8 ±14.1
V
VICR
Common-mode input voltage range
VCC = ± 5 V
±3.8
±3.9
V
CMRR
Common mode rejection ratio
VCC = ± 15 V,
VICR = ± 12 V,
TA = full range
78
90
dB
CMRR
Common mode rejection ratio
VCC = ± 5 V,
VICR = ± 2 V,
TA = full range
84
93
dB
RI
Input resistance
1
M
Ω
CI
Input capacitance
1.5
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V
RL = 250 Ω
±12 ±13.6
V
VO
Output voltage swing
VCC = ± 5 V
RL = 150 Ω
±3.4
±3.8
V
VO
Output voltage swing
VCC = ± 15 V
RL =1kΩ
±13 ±13.8
V
VCC = ± 5 V
RL = 1 kΩ
±3.5
±3.9
V
IO
Output current†
VCC = ± 15 V
RL =20 Ω
65
85
mA
IO
Output current†
VCC = ± 5 V
RL = 20 Ω
50
70
mA
ISC
Short-circuit current†
VCC = ± 15 V
100
mA
RO
Output resistance
Open loop
13
Ω
† Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily loaded or
shorted. See the absolute maximum ratings section of this data sheet for more information.
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage operating range
Dual supply
±4.5
±16.5
V
VCC
Supply voltage operating range
Single supply
9
33
V
VCC = ± 15 V
TA = 25°C
3.4
4.2
ICC
Supply current (per amplifier)
VCC = ± 15 V
TA = full range
5
mA
ICC
Supply current (per amplifier)
VCC = ± 5V
TA = 25°C
2.9
3.7
mA
VCC = ± 5 V
TA = full range
4.5
PSRR
Power supply rejection ratio
VCC = ± 5 V or ± 15 V
TA = full range
79
90
dB
NOTE: Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com