Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS661 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS661
Description  PRECISION AUDIO CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS661 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS661 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS661
PRECISION AUDIO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ PRECISION AUDIO CLOCK SOURCE
2
ICS661
REV F 051310
Pin Assignment
16-pin 4.40 mil body, 0.50 mm pitch TSSOP
Output Clock Selection Table
Pin Descriptions
12
1
11
2
10
X1/REFIN
X2
3
9
VDD
4
VDD
REF
5
S0
6
VDDR
7
GND
8
GND
GND
SELIN
VDDO
S3
S1
S2
CLK
16
15
14
13
S3
S2
S1
S0
Input
Frequency
(MHz)
Output
Frequency
(MHz)
0000
27
8.192
0001
27
11.2896
0010
27
12.288
0011
27
24.576
0100
27
12.288
0101
27
16.9344
0110
27
18.432
0111
27
36.864
1000
27
16.384
1001
27
22.5792
1010
27
24.576
1011
27
49.152
1100
27
24.576
1101
27
33.8688
1110
27
36.864
1111
27
73.728
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/REFIN
Input
Connect this pin to a crystal or clock input
2
VDD
Power
Power supply for crystal oscillator.
3
VDD
Power
Power supply for PLL.
4
S0
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
5
GND
Power
Connect to ground.
6
GND
Power
Ground for output stage.
7
S3
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
8
S2
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
9
CLK
Output
Clock output.
10
S1
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
11
VDDO
Power
Power supply for output stage.
12
SELIN
Input
Low for clock input, high for crystal. On chip pull-up.
13
GND
Power
Connect to ground.
14
VDDR
Power
Power supply for reference output. Ground to turn off REF.
15
REF
Output
Reference clock output.
16
X2
Input
Connect this pin to a crystal. Leave open if using a clock input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com