Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS661 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICS661
Description  PRECISION AUDIO CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS661 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICS661 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS661
PRECISION AUDIO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ PRECISION AUDIO CLOCK SOURCE
4
ICS661
REV F 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS661. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C
Item
Rating
Supply Voltage, VDD
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
VDDO
1.8
VDD
V
VDDR
1.8
VDD
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -20 mA
2.4
V
Output Low Voltage
VOL
IOL = 20 mA
0.4
V
Supply Current
IDD
No Load
25
mA
Short Circuit Current
IOS
Each output
±65
mA
Nominal Output Impedance
ZOUT
20
Input Capacitance
Input pins
7
pF
Internal Pull-up Resistor
120
k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com