Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS661 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS661
Description  PRECISION AUDIO CLOCK SOURCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS661 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS661 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS661 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
PRECISION AUDIO CLOCK SOURCE
ICS661
IDT™ / ICS™ PRECISION AUDIO CLOCK SOURCE
1
ICS661
REV F 051310
Description
The ICS661 provides synchronous clock generation for
audio sampling clock rates derived from an MPEG stream,
or can be used as a standalone clock source with a 27 MHz
crystal. The device uses the latest PLL technology to
provide excellent phase noise and long term jitter
performance for superior synchronization and S/N ratio.
Please contact IDT if you have a requirement for an input
and output frequency not included here - we can rapidly
modify this product to meet special requirements.
Features
Packaged in 16-pin TSSOP
Pb (lead) free package, RoHS compliant
Clock or crystal input
Low phase noise
Low jitter
Exact (0 ppm) multiplication ratios
Reference clock output available
Support for 256, 384, 512, and 768 times sampling rate
Block Diagram
PLL Clock
Synthesis
SELIN
Crystal
Oscillator
X2
X1/REFIN
VDD (P2)
VDDR
REF
CLK
GND (P13)
GND (P6)
GND (P5)
S3:0
4
VDD (P3)
VDDO


Similar Part No. - ICS661

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661 ICST-ICS661 Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS661GI ICST-ICS661GI Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
Integrated Device Techn...
ICS661GI IDT-ICS661GI Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS661GILF ICST-ICS661GILF Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
More results

Similar Description - ICS661

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS661 ICST-ICS661 Datasheet
123Kb / 6P
Precision Audio Clock Source
Revision 111804
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
ICS661 IDT-ICS661 Datasheet
178Kb / 7P
PRECISION AUDIO CLOCK SOURCE
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
MPEG AUDIO CLOCK SOURCE
051310
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com