Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL101L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPSL101L-S08-R
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UPSL101L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R125-027.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
ZCD
Zero current detection pin. A negative going edge triggers the turn on signal of the
external MOSFET, connected this pin through a resistor divider from the auxiliary winding
to GND. If ZCD voltage is higher than the over voltage protection (OVP) threshold, the
over voltage condition is detected.
2
OCP_TH
OCP threshold level selecting pin. Connected an external resistor to ground to select the
OCP threshold voltage.
3
MULT
One of the input pin of the internal multiplier. Connected this pin to the tap of resister
divider from the line voltage. The half waves sinusoid signal in this pin is provided a
reference signal for the internal current control loop.
4
COMP
Loop compensation pin. Connect a compensation network to stabilize the LED driver and
achieve a constant LED driver current.
5
CS
Current sense input pin. The MOSFET current is sensed via a resister.
6
GND
Ground pin.
7
GATE
Gate drive output pin.
8
VCC
DC supply voltage pin.
BLOCK DIAGRAM
Regulator &
VREF
Por
OVP
Logic
core
Soft
drive
GND
COMP
4V
Tdemag
0.4V
LEB
PWM
Ipk
GATE
MULT
ZCD
VCC
CS
OCP_TH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com