Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL101L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSL101L-S08-R
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSL101L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R125-027.a
ISOLATED, PRIMARY SIDE
CONTROL LED LIGHTING
DRIVER WITH ACTIVE PFC
DESCRIPTION
The UTC UPSL101 is a primary side control offline LED
lighting controller which can achieve high power factor and
accurate LED current for an isolate lighting application in a single
converter.
The UTC UPSL101 can control the LED current accurately
from the primary side information. It can significantly simplify the
LED lighting system design by eliminating the secondary side
feedback components and the opto-coupler. And it integrates
power factor correction function and works in transition mode for
reducing the MOSFET switching losses.
The LED current can be adjusted externally by the sense
resistor RCS at CS pin. The UTC UPSL101 achieves high
precision current along with excellent line regulation and load
regulation.
The UTC UPSL101 offers comprehensive protection coverage
with auto-recovery features including VCC over voltage protection,
LED open/short circuit protection, over temperature protection,
over current protection, leading edge blanking, VCC under voltage
lockout, VCC clamp, GATE clamp, etc.
FEATURES
SOP-8
* Primary-side control with single stage PFC topology
* Transition mode (TM) operation to achieve high efficiency
* Minimized BOM count
* Cycle-by-cycle current limiting (OCP)
* Selectable threshold of OCP
* High current accuracy
* VCC over voltage protection
* Analog multiplier for power factor correction
* Over-temperature protection
* Output over voltage protection
* LED open circuit protection
* LED short circuit protection
* Soft-start
* Ultra-low start-up current
* VCC under voltage lockout (UVLO)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UPSL101L-S08-T
UPSL101G-S08-T
SOP-8
Tube
UPSL101L-S08-R
UPSL101G-S08-R
SOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
UPSL101L-xx-S08-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) xx: Refer to Marking Information
(4) G: Halogen Free, L: Lead Free
(4)Halogen Free


Similar Part No. - UPSL101L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
More results

Similar Description - UPSL101L-S08-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
logo
Unisonic Technologies
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
Primary-Side Control LED Driver with High PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
Primary side regulation off line LED driver with active PFC
August 17, 2016
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
Primary Side Regulation Off Line LED Driver with Active PFC
September 08, 2015
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
EV4026-J-00C MPS-EV4026-J-00C Datasheet
558Kb / 14P
Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com