Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL101L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSL101L-S08-R
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSL101L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL101L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-027.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gm amplifier section
EA Reference Voltage
VREF
394
400
406
mV
EA Transconductance Gain
GM
100
μS
DC Gain
GAIN
35
45
dB
Dynamic Range
VOUT
1.2~4.5
V
Upper Clamp Voltage
VCOMP_H
6
V
Lower Clamp Voltage
VCOMP_L
1
V
EA Maximum Source Current
ISOURCE_Max
100
μA
EA Maximum Sink Current
ISINK_Max
35
μA
Watch Dog Section
Re-start Timer Period
TOFF_Max
50
μs
Minimum Off Time
TOFF_ Min
2
μs
Maximum On Time
TON_Max
44
μs
OTP Section
Over Temperature Protection
OTP_ON
120
140
160
°C
Gate Drive Output Section
Output Low Level
VOL
VCC=16V @ IOUT=100mA
2.5
V
Output High Level
VOH
VCC=16V @ IOUT=100mA
8
V
Output Clamping Voltage
VCLAMP
VCC=28V
16
V
Rising Edge Time
TR
CL=1nF, 10~90%
30
150
nS
Falling Edge Time
TF
CL=1nF, 10~90%
20
70
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com