Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171AIMNOPB Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AIMNOPB
Description  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AIMNOPB Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM7171AIMNOPB Datasheet HTML 17Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 18Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 19Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 20Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 21Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 22Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 23Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 24Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM7171
www.ti.com
SNOS760B – MAY 1999 – REVISED MARCH 2013
For example, for the LM7171 in a SOIC-8 package, the maximum power dissipation at 25°C ambient
temperature is 730 mW.
Thermal resistance,
θJA, depends on parameters such as die size, package size and package material. The
smaller the die size and package, the higher
θJA becomes. The 8-pin DIP package has a lower thermal
resistance (108°C/W) than that of 8-pin SOIC (172°C/W). Therefore, for higher dissipation capability, use an 8-
pin DIP package.
The total power dissipated in a device can be calculated as:
PD = PQ + PL
(3)
PQ is the quiescent power dissipated in a device with no load connected at the output. PL is the power dissipated
in the device with a load connected at the output; it is not the power dissipated by the load.
Furthermore,
PQ: = supply current × total supply voltage with no load
PL: = output current × (voltage difference between supply voltage and output voltage of the same side of
supply voltage)
For example, the total power dissipated by the LM7171 with VS = ±15V and output voltage of 10V into 1 kΩ is
PD = PQ + PL
= (6.5 mA) × (30V) + (10 mA) × (15V
− 10V)
= 195 mW + 50 mW
= 245 mW
Application Circuit
Figure 63. Fast Instrumentation Amplifier
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com