Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171AIMNOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AIMNOPB
Description  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AIMNOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM7171AIMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 12Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 13Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 14Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM7171
www.ti.com
SNOS760B – MAY 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
unless otherwise noted, TA= 25°C
Open Loop Output Impedance
Open Loop Output Impedance
vs.
vs
Frequency
Frequency
Figure 27.
Figure 28.
Large Signal Pulse Response
Large Signal Pulse Response
AV = −1, VS = ±15V
AV = −1, VS = ±5V
Figure 29.
Figure 30.
Large Signal Pulse Response
Large Signal Pulse Response
AV = +2, VS = ±15V
AV = +2, VS = ±5V
Figure 31.
Figure 32.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com