Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171AIMNOPB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AIMNOPB
Description  LM7171 Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AIMNOPB Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM7171AIMNOPB Datasheet HTML 2Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 3Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM7171AIMNOPB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM7171
SNOS760B – MAY 1999 – REVISED MARCH 2013
www.ti.com
±5V AC Electrical Characteristics
Unless otherwise noted, all limits are specified for TJ = 25°C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1 kΩ.
Symbol
Parameter
Conditions
LM7171AI
LM7171BI
Units
Typ(1)
Limit(2)
Limit(2)
SR
Slew Rate (3)
AV = +2, VIN = 3.5 VPP
950
V/
μs
Unity-Gain Bandwidth
125
MHz
−3 dB Frequency
AV = +2
140
MHz
φm
Phase Margin
57
Deg
ts
Settling Time (0.1%)
AV = −1, VO = ±1V,
56
ns
RL = 500Ω
tp
Propagation Delay
AV = −2, VIN = ±1V,
6
ns
RL = 500Ω
AD
Differential Gain (4)
0.02
%
φD
Differential Phase (5)
0.03
Deg
Second Harmonic Distortion(6)
fIN = 10 kHz
−102
dBc
fIN = 5 MHz
−70
dBc
Third Harmonic Distortion(6)
fIN = 10 kHz
−110
dBc
fIN = 5 MHz
−51
dBc
en
Input-Referred Voltage Noise
f = 10 kHz
14
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
1.8
pA/
√Hz
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Slew Rate is the average of the raising and falling slew rates.
(4)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not specified. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(5)
Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58 MHz and both input and output 75Ω terminated.
(6)
Harmonics are measured with VIN = 1 VPP, AV = +2 and RL = 100Ω.
Connection Diagram
Figure 2. 8-Pin DIP/SOIC
Top View
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com