Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVX4052G-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVX4052G-P16-R
Description  Dual 4-Channel Analog Multiplexer/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4052G-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVX4052G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
U74LVX4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-950.A
DC ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input voltage
High-level
VIH
VCC=2V
1.5
V
VCC=3V
2.0
VCC=4.5V
3.15
VCC=6V
4.2
Low-level
VIL
VCC=2V
0.5
VCC=3V
0.8
VCC=4.5V
1.35
VCC=6V
1.8
ON resistance
RON
VIN=VIL or VIH
VI/O=VEE to VEE
II/O=2mA
VCC=2V, VEE=GND
200
Ω
VCC=3V, VEE=GND
45
86
VCC=4.5V, VEE=GND
24
37
VCC=3V, VEE=-3V
17
26
VIN=VIL or VIH
VI/O=VCC to VEE
II/O=2mA
VCC=2V, VEE=GND
28
73
VCC=3V, VEE=GND
22
38
VCC=4.5V, VEE=GND
17
27
VCC=3V, VEE=-3V
15
24
Difference of ON resistance
between switches
∆RON
VIN=VIL or VIH
VI/O=VCC to VEE
II/O=2mA
VCC=2V, VEE=GND
10
25
Ω
VCC=3V, VEE=GND
5
15
VCC=4.5V, VEE=GND
5
13
VCC=3V, VEE=-3V
5
10
Input/Output Leakage
Current(switch off)
IOFF
VOS=VCC or GND,
VIS =GND or VCC,
VIN=VIH OR VIL
VCC=3V, VEE= GND
±0.25
μA
VCC=3V, VEE=-3V
±0.5
Quiescent Supply Current
ICC
VIN= VCC or GND
VCC=3V, VEE= GND
4.0
μA
VCC=3V, VEE=-3V
8.0
μA
Input/Output leakage
current(switch on,output open)
IIN
VOS=VCC or GND,
VIN=VIH or VIL
VCC=3V, VEE= GND
±0.25
μA
VCC=3V, VEE= -3V
±0.5
Control input current
IIN
VIN= VCC or GND
VCC=6V, VEE=GND
±0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com