Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVX4052G-P16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74LVX4052G-P16-R
Description  Dual 4-Channel Analog Multiplexer/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4052G-P16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U74LVX4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 10Page - Unisonic Technologies U74LVX4052G-P16-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
U74LVX4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-950.A
Analog Switch CHARACTERISTICS (GND=0V,TA=25°С) (Note)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Sine Wave Distortion
THD
RL=10k, CL=50pF, fIN=1k
VIN=2Vp-p,
VCC=3V, VEE=0V
0.1
%
VIN=4Vp-p,
VCC=4.5V, VEE=0V
0.03
VIN=6Vp-p,
VCC=3V, VEE=-0.3V
0.02
Frequency response
(switch on)
fMAX
Adjust fIN voltage to obtain 0dBm
at VOS.
Increase fin frequency until dB
meter reads -3dB.
RL=50Ω,CL=10pF, fIN=1MHz, sine
wave (Figure 4)
VCC=3V, VEE=0V
180
MHz
VCC=4.5V, VEE=0V
180
VCC=3V, VEE=-3V
180
Feed through
attenuation
(switch off)
VIN is centered at (VCC-VEE)/2.
Adjust input for 0dBm.
RL=600Ω,CL=50pF,fIN=1MHz,
sine wave (Figure 5)
VCC=3V, VEE=0V
-45
dB
VCC=4.5V, VEE=0V
-45
VCC=3V, VEE=-3V
-45
RL=50Ω,CL=10pF,fIN=1MHz,
sine wave
VCC=3V, VEE=0V
-60
VCC=4.5V, VEE=0V
-60
VCC=3V, VEE=-3V
-60
Crosstalk
(control input to signal
output)
RL=600Ω,CL=50pF,fIN=1MHz,
square wave(tr=tf=6ns) (Figure 6)
VCC=3V, VEE=0V
90
mV
VCC=4.5V, VEE=0V
150
VCC=3V, VEE=-3V
120
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input.
RL=600Ω,CL=50pF,fIN=1MHz,
sine wave (Figure 7)
VCC=3V, VEE=0V
-45
dB
VCC=4.5V, VEE=0V
-45
VCC=3V, VEE=-3V
-45
Note: These characteristics are determined by design of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com